전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SZP-5026Z-EVB2 데이터시트(PDF) 7 Page - SIRENZA MICRODEVICES

부품명 SZP-5026Z-EVB2
상세설명  4.9GHz to 5.9GHz 2W InGaP AMPLIFIER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SIRENZA [SIRENZA MICRODEVICES]
홈페이지  
Logo SIRENZA - SIRENZA MICRODEVICES

SZP-5026Z-EVB2 데이터시트(HTML) 7 Page - SIRENZA MICRODEVICES

Back Button SZP-5026Z-EVB2 Datasheet HTML 3Page - SIRENZA MICRODEVICES SZP-5026Z-EVB2 Datasheet HTML 4Page - SIRENZA MICRODEVICES SZP-5026Z-EVB2 Datasheet HTML 5Page - SIRENZA MICRODEVICES SZP-5026Z-EVB2 Datasheet HTML 6Page - SIRENZA MICRODEVICES SZP-5026Z-EVB2 Datasheet HTML 7Page - SIRENZA MICRODEVICES SZP-5026Z-EVB2 Datasheet HTML 8Page - SIRENZA MICRODEVICES SZP-5026Z-EVB2 Datasheet HTML 9Page - SIRENZA MICRODEVICES SZP-5026Z-EVB2 Datasheet HTML 10Page - SIRENZA MICRODEVICES SZP-5026Z-EVB2 Datasheet HTML 11Page - SIRENZA MICRODEVICES Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7 of 14
Preliminary
EDS-105366 Rev C
7628 Thorndike Road, Greensboro, NC 27409-9421 · For sales or technical
support, contact RFMD at (+1) 336-678-5570 or sales-support@rfmd.com.
SZP-5026Z
5.7GHz to 5.9GHz Application Circuit Data (VCC=VPC=5.0V, IQ=602mA)
Typical Forward Gain versus POUT, F=5.7GHz
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
20 21 22 23 24 25 26 27 28 29 30 31 32 33
POUT (dBm)
-40°C
+25°C
+85°C
Typical Forward Gain versus POUT, F=5.9GHz
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
15.0
20 21 22 23 24 25 26 27 28 29 30 31 32 33
POUT (dBm)
-40°C
+25°C
+85°C
IM3 versus POUT (2 Tone Avg), T=+25°C
Tone Spacing = 1MHz
-60.0
-55.0
-50.0
-45.0
-40.0
-35.0
-30.0
18.0 19.0 20.0 21.0 22.0 23.0 24.0 25.0 26.0 27.0 28.0
POUT (dBm)
5.7GHz
5.9GHz
Typical Forward Gain versus POUT, T=+25°C
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
20 21 22 23 24 25 26 27 28 29 30 31 32 33
POUT(dBm)
5.7GHz
5.9GHz
Typical EVM versus POUT F=5.7GHz
802.11g, OFDM 54Mb/s, 64QAM
0.0
1.0
2.0
3.0
4.0
5.0
6.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
POUT (dBm)
-40°C
+25°C
+85°C
Typical EVM versus POUT F=5.9GHz
802.11g, OFDM 54Mb/s, 64QAM
0.0
1.0
2.0
3.0
4.0
5.0
6.0
12.0
14.0
16.0
18.0
20.0
22.0
24.0
26.0
28.0
POUT (dBm)
-40°C
+25°C
+85°C


유사한 부품 번호 - SZP-5026Z-EVB2

제조업체부품명데이터시트상세설명
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
More results

유사한 설명 - SZP-5026Z-EVB2

제조업체부품명데이터시트상세설명
logo
RF Micro Devices
RFPA5026 RFMD-RFPA5026 Datasheet
1Mb / 16P
   4.9GHz TO 5.9GHz 2W InGaP AMPLIFIER
SZA-5044Z RFMD-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Qorvo, Inc
SZA-5044Z QORVO-SZA-5044Z Datasheet
470Kb / 12P
   4.9GHz to 5.9GHz 5V POWER AMPLIFIER
logo
Maxim Integrated Produc...
MAX2850EVKIT MAXIM-MAX2850EVKIT Datasheet
3Mb / 26P
   4.9GHz to 5.9GHz ISM band Evaluation Kit
Rev 0; 3/16
logo
RF Micro Devices
RFPA2226 RFMD-RFPA2226 Datasheet
1Mb / 17P
   2.2GHz TO 2.7GHz 2W InGaP AMPLIFIER
SPA-1526Z RFMD-SPA-1526Z Datasheet
374Kb / 14P
   0.7GHz to 2.2GHz 2W InGaP HBT AMPLIFIER
logo
SIRENZA MICRODEVICES
SZP-2026Z SIRENZA-SZP-2026Z Datasheet
558Kb / 12P
   2.2-2.7GHz 2W InGaP Amplifier
logo
List of Unclassifed Man...
SZP-3026Z ETC1-SZP-3026Z Datasheet
408Kb / 8P
   2.7-3.8GHz 2W InGaP Amplifier
logo
SIRENZA MICRODEVICES
SZP-3026Z SIRENZA-SZP-3026Z Datasheet
378Kb / 10P
   3.0-3.8GHz 2W InGaP Amplifier
SPB-2026Z SIRENZA-SPB-2026Z Datasheet
317Kb / 12P
   1.7-2.2GHz 2W InGaP Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com