전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SLD01210 데이터시트(PDF) 1 Page - celduc-relais

부품명 SLD01210
상세설명  DC SLIM Solid State Relay
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CELDUC [celduc-relais]
홈페이지  http://www.celduc-relais.com/uk/index.asp
Logo CELDUC - celduc-relais

SLD01210 데이터시트(HTML) 1 Page - celduc-relais

  SLD01210 Datasheet HTML 1Page - celduc-relais SLD01210 Datasheet HTML 2Page - celduc-relais SLD01210 Datasheet HTML 3Page - celduc-relais  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
page 1 / 3 F/GB
S/MOD/SLD0x210/C/16/04/2003
Relais Statique miniature sortie DC
DC SLIM Solid State Relay
• Pin to pin compatible with Electromechanic Relays.
• 5 ; 12; 24 and 48VDC control
• 48DC - 2,5A output (see derating curve)
• Integrated clamping voltage.
• Compatibilité du brochage avec les Relais Electro-mécaniques .
• Commande 5 , 12, 24 et 48 VDC selon modèles
• Sortie 48VDC - 2,5A ( voir courbe de derating )
• Ecrêteur de surtension intégré.
SLD0x210
DC input
48VDC 2,5A output
All technical characteristics are subject to change without previous notice.
Caractéristiques sujettes à modifications sans préavis.
celduc
r
e
l
a
i
s
Proud to serve you
0.15
0.65
0.20
2 - ø 0,8 mm
2 - ø 1,1mm
PCB Layout
28
(1.10)
16,5
(0.65)
3,8
(0.15)
5,1
(0.20)
2
(0.08)
5
(0.20)
1,4
(0.06)
1 x 0,4mm
(0.04 x 0.015)
0,5 x 0,4mm
(0.02 x 0.015)
Vue de dessous
Bottom View
4
3
2
1
INPUT
OUTPUT
(+)
(-)
(+)
(-)
A1 +
grid 0,1"/ grille 2,54mm
top view/vue de dessus
A2 -
+
-
Caractéristiques de commande (à 20
°C) /
Control characteristics (at 20
°C)
SLD01210 SLD02210 SLD03210 SLD04210
DC
DC
DC
DC
Parameter
Symbol Min Nom Max Min Nom Max Min Nom Max Min
Nom Max Unit
Tension de commande / Control voltage
Uc
3
5
10
7
12
20
18
24
32
38
48
58
V
Courant de commande / Control current (@
Uc nom )
Ic
5,5
12
27
5,5
10
18
5,5
7,7
10,2
3,5
4,4
5,3
mA
Tension de relachement/Release voltage
Uc off
1,8
3,6
8,3
8,3
V
Résistance interne / Input internal resistor
Rc
320
1070
3000
10800
Caractéristiques générales / General characteristics
Parameter
Conditions
Symbol
Typ.
Plage de température de fonctionnement /Operating temperature range
Boitier / Case
Tc max
-20 / +80
°C
Plage de température de stockage /Storage temperature range
Boitier / Case
Tc max
-25 / +80
°C
Isolement entrée-sortie / Input-output isolation
2500
VRMS
Poids/Weight
8g
Température de soudage max / Maximum soldering heat(1 mm boitier/case)
10 s
Ts max
220
°C
Conformité / Conformity
EN60947-5-1
Homologation / Approved
UL pending


유사한 부품 번호 - SLD01210

제조업체부품명데이터시트상세설명
logo
celduc-relais
SLD01210 CELDUC-SLD01210 Datasheet
432Kb / 2P
   SLIM SOCKET
SLD01210 CELDUC-SLD01210 Datasheet
448Kb / 2P
   SLIM SOCKET
More results

유사한 설명 - SLD01210

제조업체부품명데이터시트상세설명
logo
celduc-relais
SLD01205 CELDUC-SLD01205 Datasheet
169Kb / 3P
   DC SLIM Solid State Relay
SLA01220 CELDUC-SLA01220 Datasheet
82Kb / 2P
   AC SLIM Solid State Relay
logo
Omron Electronics LLC
G2RV-ST OMRON-G2RV-ST Datasheet
12Mb / 38P
   Slim I/O Relay/Slim I/O Solid State Relay
0922
logo
celduc-relais
STD03510 CELDUC-STD03510 Datasheet
184Kb / 2P
   DC Solid State Relay
logo
Willow Technologies Ltd
SERIESCD WILLOW-SERIESCD Datasheet
746Kb / 4P
   DC Solid-State Relay
logo
celduc-relais
SGD15100 CELDUC-SGD15100 Datasheet
120Kb / 3P
   DC SOLID STATE RELAY
SPD03505 CELDUC-SPD03505 Datasheet
73Kb / 2P
   DC Solid State Relay
SPD07505 CELDUC-SPD07505 Datasheet
212Kb / 2P
   DC Solid State Relay
STD03505 CELDUC-STD03505 Datasheet
74Kb / 2P
   DC Solid State Relay
SCC10506 CELDUC-SCC10506 Datasheet
263Kb / 2P
   DC Solid State Relay
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com