전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJ10012 데이터시트(PDF) 3 Page - Mospec Semiconductor

부품명 MJ10012
상세설명  POWER TRANSISTORS(10A,400V,175W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJ10012 데이터시트(HTML) 3 Page - Mospec Semiconductor

  MJ10012 Datasheet HTML 1Page - Mospec Semiconductor MJ10012 Datasheet HTML 2Page - Mospec Semiconductor MJ10012 Datasheet HTML 3Page - Mospec Semiconductor MJ10012 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


유사한 부품 번호 - MJ10012

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ10012 MOTOROLA-MJ10012 Datasheet
191Kb / 6P
   10 AMPERE POWER TRANSISTORS DARLINGTON NPN SILICON 400 VOLTS 175 AND 118 WATTS
logo
ON Semiconductor
MJ10012 ONSEMI-MJ10012 Datasheet
191Kb / 6P
   POWER TRANSISTORS DARLINGTON NPN SILICON
REV 2
logo
Wing Shing Computer Com...
MJ10012 WINGS-MJ10012 Datasheet
23Kb / 1P
   NPN SILICON TRANSISTOR(SWITCHING REGULATORS PWM INVERTERS SOLENOID AND RELAY DRIVERS)
logo
Boca Semiconductor Corp...
MJ10012 BOCA-MJ10012 Datasheet
183Kb / 4P
   NPN SILICON POWER DARLINGTON TRANSISTORS
logo
Central Semiconductor C...
MJ10012 CENTRAL-MJ10012 Datasheet
54Kb / 1P
   Power Transistors
More results

유사한 설명 - MJ10012

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
MJ10000 MOSPEC-MJ10000 Datasheet
188Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
MJ10004 MOSPEC-MJ10004 Datasheet
182Kb / 4P
   POWER TRANSISTORS(20A,350-400V,175W)
MJ10013 MOSPEC-MJ10013 Datasheet
195Kb / 4P
   POWER TRANSISTORS(10A,550-600V,175W)
2SC2938 MOSPEC-2SC2938 Datasheet
120Kb / 3P
   POWER TRANSISTORS(10A,400V,100W)
2SC3306 MOSPEC-2SC3306 Datasheet
162Kb / 3P
   POWER TRANSISTORS(10A,400V,100W)
2SC2625 MOSPEC-2SC2625 Datasheet
129Kb / 3P
   POWER TRANSISTORS(10A,400V,80W)
BUX80 MOSPEC-BUX80 Datasheet
128Kb / 3P
   POWER TRANSISTORS(10A,400V,100W)
MJ10006 MOSPEC-MJ10006 Datasheet
190Kb / 4P
   POWER TRANSISTORS(10A,350-400V,150W)
MJ10002 MOSPEC-MJ10002 Datasheet
183Kb / 4P
   POWER TRANSISTORS(10A,350-400V,150W)
BUY69A MOSPEC-BUY69A Datasheet
74Kb / 2P
   POWER TRANSISTORS(10A,200-400V,100W)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com