전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD01-05S0 데이터시트(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

부품명 FDD01-05S0
상세설명  DC - DC CONVERTER 1W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
홈페이지  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD01-05S0 데이터시트(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD01-05S0 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD01-05S0 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD01-05S0 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD01-05S0 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
sales@chinfa.com
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
50
KHz
1,500
VDC
1G
-25
+ 71
oC
+ 90
oC
Storage temperature
Non operational
-40
+100
oC
INPUT SPECIFICATIONS
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
No load input current
Input voltage w/o damage
Ta min ...Ta max, Io nom
Vi nom, Io=0
Io nom
4.5
5
5.5
VDC
65
mA
7
VDC
Characteristics
Conditions
min.
unit
Output voltage accuracy
Minimum load
Line regulation
Load regulation
Temperature coefficient
Ripple & noise
Vi nom, Io nom
Vi nom
single output models
dual output models (each output)
Io nom, Vi min ...Vi max
Vi nom, Io 0 ...Io nom, single output models
Vi nom, Io min ...Io nom, dual output models
Vi nom, Io nom
Vi nom, Io nom, BW = 20MHz
typ.
max.
Efficiency
Vi nom, Io nom, Po / Pi
OUTPUT SPECIFICATIONS
0
20
%
%
%
%
2
1
2
3
%
0.02
o
% / C
100
mV
Up to 58%, See model list
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
CONTROL AND PROTECTION
Derating
Vi nom
%
o
% / C
See derating curve
SPECIFICATION
FDD01 SERIES
SINGLE & DUAL OUTPUT
Dimension
Cooling
Case material
L20.3 x W31.8 x H12.7
Free air convection
Plastic
mm
GENERAL
2007.08.30


유사한 부품 번호 - FDD01-05S0

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
FDD01-05S0 CHINFA-FDD01-05S0 Datasheet
189Kb / 4P
   DC - AC CONCERTER 1W SINGLE & DUAL OUTPUT
FDD01-05S0 CHINFA-FDD01-05S0 Datasheet
168Kb / 4P
   DC - AC CONCERTER 1W SINGLE & DUAL OUTPUT
More results

유사한 설명 - FDD01-05S0

제조업체부품명데이터시트상세설명
logo
Mean Well Enterprises C...
SMA01L-05 MEANWELL-SMA01L-05 Datasheet
141Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SBT01 MEANWELL-SBT01 Datasheet
266Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SPA01 MEANWELL-SPA01 Datasheet
55Kb / 1P
   1W DC-DC Regulated Single Output Converter
SMU01 MEANWELL-SMU01 Datasheet
53Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SFT01 MEANWELL-SFT01 Datasheet
206Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SUS01 MEANWELL-SUS01 Datasheet
166Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SPR01 MEANWELL-SPR01_11 Datasheet
162Kb / 1P
   1W DC-DC Regulated Single Output Converter
SBT01 MEANWELL-SBT01_08 Datasheet
268Kb / 1P
   1W DC-DC Unregulated Single Output Converter
SPR01 MEANWELL-SPR01 Datasheet
159Kb / 1P
   1W DC-DC Regulated Single Output Converter
SMA01 MEANWELL-SMA01 Datasheet
52Kb / 1P
   1W DC-DC Unregulated Single Output Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com