전자부품 데이터시트 검색엔진 |
|
FDD01-12D0 데이터시트(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd. |
|
FDD01-12D0 데이터시트(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd. |
3 / 4 page www.chinfa.com sales@chinfa.com o All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed Characteristics Conditions min. typ. max. unit Switching frequency Isolation voltage Isolation resistance Ambient temperature Case temperature Vi nom, Io nom Input / Output Input / Output, @ 500VDC Operating at Vi nom, Io nom Operating at Vi nom, Io nom 50 KHz 1,500 VDC 1G -25 + 71 oC + 90 oC Storage temperature Non operational -40 +100 oC INPUT SPECIFICATIONS Characteristics Conditions min. typ. max. unit Input voltage range No load input current Input voltage w/o damage Ta min ...Ta max, Io nom Vi nom, Io=0 Io nom 4.5 5 5.5 VDC 65 mA 7 VDC Characteristics Conditions min. unit Output voltage accuracy Minimum load Line regulation Load regulation Temperature coefficient Ripple & noise Vi nom, Io nom Vi nom single output models dual output models (each output) Io nom, Vi min ...Vi max Vi nom, Io 0 ...Io nom, single output models Vi nom, Io min ...Io nom, dual output models Vi nom, Io nom Vi nom, Io nom, BW = 20MHz typ. max. Efficiency Vi nom, Io nom, Po / Pi OUTPUT SPECIFICATIONS 0 20 % % % % 2 1 2 3 % 0.02 o % / C 100 mV Up to 58%, See model list Input reversed Shunt diode built in, external fuse recommended Output short circuit Continuous CONTROL AND PROTECTION Derating Vi nom % o % / C See derating curve SPECIFICATION FDD01 SERIES SINGLE & DUAL OUTPUT Dimension Cooling Case material L20.3 x W31.8 x H12.7 Free air convection Plastic mm GENERAL 2007.08.30 |
유사한 부품 번호 - FDD01-12D0 |
|
유사한 설명 - FDD01-12D0 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |