전자부품 데이터시트 검색엔진 |
|
FDD05-15S0 데이터시트(PDF) 1 Page - Chinfa Electronics Ind. Co., Ltd. |
|
FDD05-15S0 데이터시트(HTML) 1 Page - Chinfa Electronics Ind. Co., Ltd. |
1 / 4 page www.chinfa.com MODEL NO. INPUT VOLTAGE OUTPUT WATTAGE OUTPUT VOLTAGE OUTPUT CURRENT EFF. (min.) 75% FDD05 - 05S0 4.5~5.5 VDC 5 WATTS + 5 VDC 1000 mA 80% FDD05 - 12S0 4.5~5.5 VDC 6 WATTS + 12 VDC 500 mA 81% FDD05 - 15S0 4.5~5.5 VDC 6 WATTS + 15 VDC 400 mA 75% FDD05 - 05D0 4.5~5.5 VDC 5 WATTS 5 VDC 500 mA 80% FDD05 - 12D0 4.5~5.5 VDC 6 WATTS 12 VDC 81% FDD05 - 15D0 4.5~5.5 VDC 6 WATTS 15 VDC 250 mA 200 mA Single Output Models Dual Output Models DC - DC CONVERTER 5 ~ 6W 5V INPUT MODEL FEATURES INPUT 4.5 V ~ 5.5 V INPUT FILTER BUILT - IN I/O ISOLATION HIGH EFFICIENCY UP TO 81 % SHORT CIRCUIT PROTECTION 2 " x 2 " METAL CASE 2 YEARS WARRANTY MODEL LIST FDD05 SERIES sales@chinfa.com 2007.08.30 |
유사한 부품 번호 - FDD05-15S0 |
|
유사한 설명 - FDD05-15S0 |