전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FDD25-05S2 데이터시트(PDF) 3 Page - Chinfa Electronics Ind. Co., Ltd.

부품명 FDD25-05S2
상세설명  DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
홈페이지  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

FDD25-05S2 데이터시트(HTML) 3 Page - Chinfa Electronics Ind. Co., Ltd.

  FDD25-05S2 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. FDD25-05S2 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. FDD25-05S2 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. FDD25-05S2 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.chinfa.com
FDD25 SERIES
SINGLE & DUAL OUTPUT
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
KHz
1,500
VDC
M
100
-25
oC
oC
Characteristics
Conditions
min.
unit
Output voltage accuracy
Vi nom, Io nom
typ.
max.
2
%
Storage temperature
Non operational
-40
+ 71
+ 100
+ 100
180
2
%
oC
Derating
o
% / C
Vi nom
48
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
9
18
24
18
36
VDC
VDC
Ta min ... Ta max, Io nom
48
No load input current
24V models
48V models
20
15
mA
mA
Vi = nom
Io = 0
12V models
36
12
72
10
VDC
mA
Input voltage w/o damage
20
75
VDC
VDC
Io nom
24V models
48V models
12V models
40
VDC
Startup voltage
8.5
35
VDC
VDC
Io nom
24V models
48V models
12V models
15
VDC
Minimum load
Line regulation
Io nom, Vi min ...Vi max
Vi nom
0
10
%
%
%
Load regulation
o
% / C
Temperature coefficient
Ripple & noise
Transient recovery time
Vi nom, Io nom
Vi nom, Io nom ... 1/2 Io nom
500
2
5
0.02
%
%
S
1
%
See derating curve
Input filter
Pi type
INPUT SPECIFICATIONS
single output models
dual output models (each output)
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
Vi nom, Io 0 ...Io nom, single output models
Vi nom, Io min ...Io nom, dual output models
sales@chinfa.com
Voltage trim range
Vi nom,
Io nom
%
Efficiency
Vi nom, Io nom, Po / Pi
Up to 89%, See model list
3.3V output models
5V, 12V, 15V & dual
5
10
Vi nom, Io nom,
BW = 20MHz
mV
100
%
%
mV
12V, 15V & dual
3.3V & 5V models
150
OUTPUT SPECIFICATIONS
Dimension
L50.8 x W50.8 x H11.9
mm
Cooling
Free air convection
Case material
Metal
GENERAL
2007.08.30


유사한 부품 번호 - FDD25-05S2

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
FDD25-05S2 CHINFA-FDD25-05S2 Datasheet
221Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25-05S2 CHINFA-FDD25-05S2 Datasheet
203Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
More results

유사한 설명 - FDD25-05S2

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
FDD25 CHINFA-FDD25_10 Datasheet
221Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
FDD25 CHINFA-FDD25_14 Datasheet
203Kb / 4P
   DC - DC CONVERTER 20 ~ 30W SINGLE & DUAL OUTPUT
logo
Delta Electronics, Inc.
S24SE3R307NDFA DELTA-S24SE3R307NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
S24SE05006NDFA DELTA-S24SE05006NDFA Datasheet
1Mb / 15P
   30W Single/Dual Output DC/DC Converter
logo
Minmax Technology Co., ...
MPW2000 MINMAX-MPW2000_15 Datasheet
658Kb / 7P
   DC/DC CONVERTER 30W, Single & Dual Output
logo
Chinfa Electronics Ind....
WDD30U CHINFA-WDD30U_14 Datasheet
226Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U_10 Datasheet
228Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
WDD30-03S1U CHINFA-WDD30-03S1U Datasheet
220Kb / 4P
   DC - DC CONVERTER 23 ~ 30W SINGLE & DUAL OUTPUT
logo
Mean Well Enterprises C...
PSD-30 MEANWELL-PSD-30 Datasheet
355Kb / 2P
   30W Single Output DC-DC Converter
DKA30 MEANWELL-DKA30 Datasheet
198Kb / 1P
   25~30W DC-DC Dual Output Converter
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com