전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDD05-12S4 데이터시트(PDF) 7 Page - Chinfa Electronics Ind. Co., Ltd.

부품명 TDD05-12S4
상세설명  DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
홈페이지  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD05-12S4 데이터시트(HTML) 7 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD05-12S4 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD05-12S4 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD05-12S4 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD05-12S4 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd. TDD05-12S4 Datasheet HTML 5Page - Chinfa Electronics Ind. Co., Ltd. TDD05-12S4 Datasheet HTML 6Page - Chinfa Electronics Ind. Co., Ltd. TDD05-12S4 Datasheet HTML 7Page - Chinfa Electronics Ind. Co., Ltd. TDD05-12S4 Datasheet HTML 8Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
www.chinfa.com
TDD05 SERIES
5V INPUT MODEL
Characteristics
Conditions
min.
typ.
max.
unit
Switching frequency
Isolation voltage
Isolation resistance
Ambient temperature
Case temperature
Vi nom, Io nom
Input / Output
Input / Output, @ 500VDC
Operating at Vi nom, Io nom
Operating at Vi nom, Io nom
KHz
1,500
VDC
M
100
-25
+ 71
oC
oC
Storage temperature
Non operational
-40
oC
Characteristics
Conditions
min.
typ.
max.
unit
Input voltage range
No load input current
Input voltage w/o damage
Ta min ...Ta max, Io nom
Vi nom, Io = 0
Io nom
4.5
5
9
VDC
mA
10
VDC
Characteristics
Conditions
min.
unit
Output voltage accuracy
Minimum load
Line regulation
Load regulation
Transient recovery time
Vi nom, Io nom
Vi nom
single output models
dual output models (each output)
Io nom, Vi min ...Vi max
Vi nom, Io 0 ...Io nom, for single output models
Vi nom, Io min ...Io nom, for dual output models
Vi nom, Io nom ... 1/2 Io nom
typ.
max.
0
20
%
%
%
%
2
0.5
0.5
2
%
0.02
o
% / C
mV
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
CONTROL AND PROTECTION
Startup voltage
Io nom
15
4
VDC
Input filter
Pi type
INPUT SPECIFICATIONS
OUTPUT SPECIFICATIONS
Efficiency
Up to 85%, See model list
Temperature coefficient
Ripple & noise
Vi nom, Io nom, BW = 20MHz
Vi nom, Io nom, Po / Pi
Vi nom, Io nom
500
150
S
Derating
Vi nom
o
% / C
See derating curve
+100
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
200
Dimension
L50.8 x W25.4 x H12
+100
%
sales@chinfa.com
Cooling
Free air convection
Case material
Metal
GENERAL
2007.06.23


유사한 부품 번호 - TDD05-12S4

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
TDD05-12S4 CHINFA-TDD05-12S4 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-12S4 CHINFA-TDD05-12S4 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results

유사한 설명 - TDD05-12S4

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
IDD05U CHINFA-IDD05U Datasheet
212Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05-03S4U CHINFA-IDD05-03S4U Datasheet
211Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_11 Datasheet
382Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1U CHINFA-RDD05-03S1U Datasheet
503Kb / 8P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05-03S4 CHINFA-TDD05-03S4_10 Datasheet
202Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
IDD05U CHINFA-IDD05U_14 Datasheet
182Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
TDD05 CHINFA-TDD05_14 Datasheet
177Kb / 4P
   DC - DC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05 CHINFA-RDD05_14 Datasheet
184Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05-03S1 CHINFA-RDD05-03S1 Datasheet
174Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
RDD05U CHINFA-RDD05U_14 Datasheet
177Kb / 4P
   DC - AC CONVERTER 5 ~ 6W SINGLE & DUAL OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com