전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TDD25-12D2 데이터시트(PDF) 4 Page - Chinfa Electronics Ind. Co., Ltd.

부품명 TDD25-12D2
상세설명  DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CHINFA [Chinfa Electronics Ind. Co., Ltd.]
홈페이지  http://www.chinfa.com
Logo CHINFA - Chinfa Electronics Ind. Co., Ltd.

TDD25-12D2 데이터시트(HTML) 4 Page - Chinfa Electronics Ind. Co., Ltd.

  TDD25-12D2 Datasheet HTML 1Page - Chinfa Electronics Ind. Co., Ltd. TDD25-12D2 Datasheet HTML 2Page - Chinfa Electronics Ind. Co., Ltd. TDD25-12D2 Datasheet HTML 3Page - Chinfa Electronics Ind. Co., Ltd. TDD25-12D2 Datasheet HTML 4Page - Chinfa Electronics Ind. Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
sales@chinfa.com
TDD25 SERIES
SINGLE & DUAL OUTPUT
MECHANISM & PIN CONFIGURATION
PHYSICAL CHARACTERISTICS
CASE SIZE
CASE MATERIAL
WEIGHT
50.8 x 76.2 x 12 mm 2 x 3 x 0.47 inches
Metal
105 g
PIN ASSIGNMENT
PIN NO.
SINGLE
Vi+
N. C.
Vi -
DERATING
2
mm [inch]
3
6
7
5
DUAL
Vi+
Vi -
Vo +
Vo +
com
Input reversed
Shunt diode built in, external fuse recommended
Output short circuit
Continuous
Remote ON / OFF
ON: opened or 8 ~ 10VDC applied, reference to input GND
OFF: -0.3 ~ 2VDC applied, reference to input GND
CONTROL AND PROTECTION
GENERAL
8
9
10
ON / OFF
ON / OFF
Vo -
N. C.
N. C.
Vo -
Trim
Trim
NATURAL
CONVECTION
COOLING
0
100
o
Ambient Temperature [ C ]
60
100
-25
71
12V, 15V & dual
3.3V & 5V
BOTTOM VIEW
2
63.50 [2.50]
3
5
6
7
8
9
10
6.35 [0.25]
15.24 [0.60]
10.16 [0.40]
20.32 [0.80]
5.08 [0.20]
5.08 [0.20]
10.16 [0.40]
10.16 [0.40]
10.16 [0.40]
10.16 [0.40]
76.20 [3.00]
12.00 [0.47]
DIA 1.00 [0.04]
5.00 [0.20]
o
All Specifications Typical At Nominal Line, Full Load, 25 C Unless Otherwise Noticed
SPECIFICATION
BURL AT 4 CORNER
www.chinfa.com
2007.08.30


유사한 부품 번호 - TDD25-12D2

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
TDD25-12D2 CHINFA-TDD25-12D2 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25-12D2 CHINFA-TDD25-12D2 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
More results

유사한 설명 - TDD25-12D2

제조업체부품명데이터시트상세설명
logo
Chinfa Electronics Ind....
TDD25-03S2 CHINFA-TDD25-03S2_10 Datasheet
263Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
TDD25 CHINFA-TDD25_14 Datasheet
225Kb / 4P
   DC - DC CONVERTER 23 ~ 25W SINGLE & DUAL OUTPUT
logo
DENSEI-LAMBDA
PP10-24-5 LAMBDA-PP10-24-5 Datasheet
188Kb / 4P
   Single, Dual output DC-DC converter 1.5W ~ 25W
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25_12 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD25 ASTRODYNE-SD25 Datasheet
994Kb / 2P
   25W Single Output DC-DC Converter
logo
Mean Well Enterprises C...
SD-25 MEANWELL-SD-25 Datasheet
407Kb / 2P
   25W Single Output DC-DC Converter
SD-25 MEANWELL-SD-25_10 Datasheet
413Kb / 2P
   25W Single Output DC-DC Converter
logo
Astrodyne Corporation
SD-25 ASTRODYNE-SD-25 Datasheet
484Kb / 2P
   25W Single Output DC-DC Converter
logo
DENSEI-LAMBDA
PP15 LAMBDA-PP15 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W???
PPD3 LAMBDA-PPD3 Datasheet
188Kb / 4P
   Single output DC-DC converter 1.5W ~ 25W????
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com