전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FAN4800CMY 데이터시트(PDF) 11 Page - Fairchild Semiconductor

부품명 FAN4800CMY
상세설명  PFC/PWM Controller Combination
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  FAIRCHILD [Fairchild Semiconductor]
홈페이지  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4800CMY 데이터시트(HTML) 11 Page - Fairchild Semiconductor

Back Button FAN4800CMY Datasheet HTML 7Page - Fairchild Semiconductor FAN4800CMY Datasheet HTML 8Page - Fairchild Semiconductor FAN4800CMY Datasheet HTML 9Page - Fairchild Semiconductor FAN4800CMY Datasheet HTML 10Page - Fairchild Semiconductor FAN4800CMY Datasheet HTML 11Page - Fairchild Semiconductor FAN4800CMY Datasheet HTML 12Page - Fairchild Semiconductor FAN4800CMY Datasheet HTML 13Page - Fairchild Semiconductor FAN4800CMY Datasheet HTML 14Page - Fairchild Semiconductor FAN4800CMY Datasheet HTML 15Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4800A/C, FAN4801/1S/2/2L • Rev. 1.0.1
11
Electrical Characteristics (Continued)
VDD=15V, TA=25°C, RT=6.8kΩ, CT=1000pF unless noted operating specifications.
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Units
PFC ILIMIT Comparator
VPFC-ILIMIT
Peak Current Limit
Threshold Voltage,
Cycle-by-Cycle Limit
-1.25
-1.15
-1.05
V
ΔVpk
PFC ILIMIT-Gain
Modulator Output
IAC=17.67µA, VRMS=1.08V VFBPFC=2.25V,
at T=25°C
200
mV
PFC Output Driver
VGATE-CLAMP
Gate Output Clamping
Voltage
VDD=22V
13
15
17
V
VGATE-L
Gate Low Voltage
VDD=15V; IO=100mA
1.5
V
VGATE-H
Gate High Voltage
VDD=13V; IO=100mA
8
V
tr
Gate Rising Time
VDD=15V; CL=4.7nF; O/P=2V to 9V
40
70
120
ns
tf
Gate Falling Time
VDD=15V; CL=4.7nF; O/P=9V to 2V
40
60
110
ns
DPFC-MAX
Maximum Duty Cycle
VIEA<1.2V
94
97
%
DPFC-MIN
Minimum Duty Cycle
VIEA>4.5V
0
%
Brown Out
FAN4800A/C, FAN4801/1S/2
1.00
1.05
1.10
V
VRMS-UVP
VRMS Threshold Low
FAN4802L
0.85
0.90
0.95
V
FAN4800A/C, FAN4801/1S/2
1.85
1.90
1.95
V
VRMS-UVP
VRMS Threshold High
FAN4802L
1.60
1.65
1.70
V
FAN4800A/C, FAN4801/1S/2
750
850
950
mV
ΔVRMS-UVP
Hysteresis
FAN4802L
650
750
850
mV
tUVP
Under-Voltage
Protection Delay Time
340
410
480
ms
Soft Start
VSS-MAX
Maximum Voltage
VDD=15V
9.5
10.0
10.5
V
ISS
Soft-Start Current
10
µA
PWM ILIMIT Comparator
VPWM-ILIMIT
Threshold Voltage
0.95
1.00
1.05
V
tPD
Delay to Output
250
ns
tPWM-Bnk
Leading-Edge Blanking
Time
170
250
350
ns
Range (FAN4801/1S/2/2L)
VRMS-L
RMS AC Voltage Low
When VRMS=1.95V at132Vrms
1.90
1.95
2.00
V
VRMS-H
RMS AC Voltage High
When VRMS=2.45V at150Vrms
2.40
2.45
2.50
V
VEA Low
1.90
1.95
2.00
VEA-L
VEA Low (FAN4801S)
When VVEA=1.95V at 30% Loading,
When VVEA=2.80V at 60% Loading
2.75
2.80
2.85
V
VEA High
2.40
2.45
2.50
VEA-H
VEA High (FAN4801S)
When VVEA=2.45V at 40% Loading,
When VVEA=3.35V at 70% Loading
3.30
3.35
3.40
V
Itc
Two-Level Current
FBPFC Two-Level Current
18
20
22
µA


유사한 부품 번호 - FAN4800CMY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4800CMY FAIRCHILD-FAN4800CMY Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
More results

유사한 설명 - FAN4800CMY

제조업체부품명데이터시트상세설명
logo
Fairchild Semiconductor
FAN4800AU FAIRCHILD-FAN4800AU Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
AN-8027 FAIRCHILD-AN-8027 Datasheet
620Kb / 17P
   PFCPWM Combination Controller
FAN4800A FAIRCHILD-FAN4800A_09 Datasheet
647Kb / 24P
   PFC/PWM Controller Combination
FAN4800AS FAIRCHILD-FAN4800AS Datasheet
583Kb / 19P
   PFC/PWM Controller Combination
FAN4800AUN FAIRCHILD-FAN4800AUN Datasheet
987Kb / 20P
   PFC/ PWM Controller Combination
FAN3988IL6X-F113 FAIRCHILD-FAN3988IL6X-F113 Datasheet
992Kb / 21P
   PFC/ PWM Controller Combination
logo
Texas Instruments
UCC28500-12 TI1-UCC28500-12 Datasheet
914Kb / 35P
[Old version datasheet]   BiCMOS PFC/PWM COMBINATION CONTROLLER
UCC28521 TI1-UCC28521_16 Datasheet
790Kb / 34P
[Old version datasheet]   ADVANCED PFC/PWM COMBINATION CONTROLLER
UCC28500 TI-UCC28500 Datasheet
571Kb / 31P
[Old version datasheet]   BICMOS PFC/PWM COMBINATION CONTROLLER
UCC18500 TI-UCC18500 Datasheet
91Kb / 8P
[Old version datasheet]   BiCMOS PFC/PWM Combination Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com