전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6558 데이터시트(PDF) 8 Page - Sanyo Semicon Device

부품명 LA6558
상세설명  6-CH Driver for Mini Disk
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6558 데이터시트(HTML) 8 Page - Sanyo Semicon Device

Back Button LA6558 Datasheet HTML 2Page - Sanyo Semicon Device LA6558 Datasheet HTML 3Page - Sanyo Semicon Device LA6558 Datasheet HTML 4Page - Sanyo Semicon Device LA6558 Datasheet HTML 5Page - Sanyo Semicon Device LA6558 Datasheet HTML 6Page - Sanyo Semicon Device LA6558 Datasheet HTML 7Page - Sanyo Semicon Device LA6558 Datasheet HTML 8Page - Sanyo Semicon Device LA6558 Datasheet HTML 9Page - Sanyo Semicon Device LA6558 Datasheet HTML 10Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LA6558
No.6504-8/10
Sample Application Circuit
Note: When connecting a load to CH3 and CH6, set the output capacitor to 0.56
µF or more and select the capacitor
according to the setting. The capacitor to be used should be less in capacity fluctuation due to temperature.
1
2
3
4
5
6
7
VO3-
28
27
26
25
24
23
22
21
20
19
18
17
16
15
8
9
10
11
12
13
14
VO3+
VO5+
VO4-
VO4+
VO6-
VCC
3.3V
P-VCC
VIN1
VIN2
VIN4
VIN3+
VREF
IN-MUTE
S-GND
M
LOADING
MOTOR
TRACKING
COIL
FOCUS
COIL
CHANGE
MUTE
TRACKING COIL
VREF
SPINDLE MOTOR
FOCUS COIL
SLED MOTOR
VO5-
P-GND1
O-RESET
VIN5
VIN3-
5VREG
VIN6-
VIN6+
S-VCC
3.3VREG
P-GND2
VO1-
VO1+
VO2-
VO2+
29
30
VO6+
M
SPINDLE
MOTOR
M
CHANGER
MOTOR
M
SLED
MOTOR
RESET
LOADING
REV
FWD
REV
VCC
FWD


유사한 부품 번호 - LA6558

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6551 SANYO-LA6551 Datasheet
352Kb / 9P
   LA6551
LA6556 SANYO-LA6556 Datasheet
293Kb / 8P
   LA6556
LA6557 SANYO-LA6557 Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
LA6557H SANYO-LA6557H Datasheet
67Kb / 8P
   Five-Channel Bridge Driver for MD and CD Players
LA6559 SANYO-LA6559 Datasheet
98Kb / 9P
   5-Channel Driver
More results

유사한 설명 - LA6558

제조업체부품명데이터시트상세설명
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Sanyo Semicon Device
LA6571 SANYO-LA6571 Datasheet
137Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
LA6572 SANYO-LA6572 Datasheet
106Kb / 9P
   5-CH Driver for Mini Disc
logo
Fairchild Semiconductor
FAN8035L FAIRCHILD-FAN8035L Datasheet
552Kb / 18P
   6-CH Motor Driver
FAN8035 FAIRCHILD-FAN8035 Datasheet
547Kb / 18P
   6-CH Motor Driver
FAN8034 FAIRCHILD-FAN8034 Datasheet
320Kb / 20P
   6-CH Motor Driver
logo
Sanyo Semicon Device
LA6261D SANYO-LA6261D Datasheet
96Kb / 7P
   Monolithic Linear IC For Optical Disk Applications 6-chnnel Driver
LC89602 SANYO-LC89602 Datasheet
73Kb / 6P
   Audio Decoder LSI for Mini-Disk Playback
LA6569 SANYO-LA6569 Datasheet
132Kb / 7P
   5-channel Driver for Compact Disk
logo
Fairchild Semiconductor
FAN8741 FAIRCHILD-FAN8741 Datasheet
541Kb / 23P
   Spindle Motor and 6-CH Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com