전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LA6579H 데이터시트(PDF) 6 Page - Sanyo Semicon Device

부품명 LA6579H
상세설명  Four-Channel Bridge (BTL) Driver
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SANYO [Sanyo Semicon Device]
홈페이지  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

LA6579H 데이터시트(HTML) 6 Page - Sanyo Semicon Device

  LA6579H Datasheet HTML 1Page - Sanyo Semicon Device LA6579H Datasheet HTML 2Page - Sanyo Semicon Device LA6579H Datasheet HTML 3Page - Sanyo Semicon Device LA6579H Datasheet HTML 4Page - Sanyo Semicon Device LA6579H Datasheet HTML 5Page - Sanyo Semicon Device LA6579H Datasheet HTML 6Page - Sanyo Semicon Device LA6579H Datasheet HTML 7Page - Sanyo Semicon Device LA6579H Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
LA6579H
No.A0600-6/8
Pin Description
Pin No.
Symbol
Pin function
Description
Equivalent circuit
28
27
26
18
17
16
15
14
13
VIN1
VIN1-B
VIN1+B
VIN2G
VIN2
VIN3G
VIN3
VIN4G
VIN4
Input
Input pin
Set the total gain with
the gain of this input
AMP.
4
5
VO1+
VO1-
Output
(CH1)
Output pin for channel 1
6
7
8
9
10
11
VO2+
VO2-
VO3+
VO3-
VO4+
VO4-
Output
(CH2 to 4)
CH2 to 4 output pins
23
MUTE
MUTE
ON/OFF of
corresponding CH
output
MUTE : H output ON
MUTE : L output OFF
* Output OFF when the
MUTE pin is open
(similarly to MUTE : L)
24
VIN1_SW
CH1
Input AMP
changeover
CH1 input OP-AMP
changeover function.
AMP_A or AMP_B is
selected according to
the voltage applied to
VIN1_SW.
H : VIN_A
L : VIN_B
VCC
VIN*+
VIN*-
VIN*
S-GND
VCC1
MUTE
100k
Ω
100k
Ω
S-GND
VIN1_SW


유사한 부품 번호 - LA6579H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6570 SANYO-LA6570 Datasheet
324Kb / 3P
   Monolithic Linear IC 5CH Driver (BTL : 4CH, H-Bridge : 1CH) for CD
LA6571 SANYO-LA6571 Datasheet
137Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
logo
ON Semiconductor
LA6571 ONSEMI-LA6571 Datasheet
148Kb / 7P
   5CH Driver for Mini Disk and Compact Disk
June, 2013
logo
Sanyo Semicon Device
LA6572 SANYO-LA6572 Datasheet
106Kb / 9P
   5-CH Driver for Mini Disc
LA6574D SANYO-LA6574D Datasheet
79Kb / 8P
   Five-Channel Driver
More results

유사한 설명 - LA6579H

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
LA6546H SANYO-LA6546H Datasheet
77Kb / 6P
   Four-Channel Bridge (BTL) Driver
LA6545M SANYO-LA6545M Datasheet
62Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
LA6544M SANYO-LA6544M Datasheet
61Kb / 7P
   Four-Channel Bridge (BTL) Driver for CD-ROM
logo
Hitachi Semiconductor
HA13143 HITACHI-HA13143 Datasheet
42Kb / 7P
   Four-Channel BTL Driver for CD Players
logo
Sanyo Semicon Device
LA6539M SANYO-LA6539M Datasheet
137Kb / 4P
   Three-Channel CD-ROM Bridge Driver BTL
logo
Rohm
BA6890FP ROHM-BA6890FP Datasheet
175Kb / 8P
   4-channel H-bridge-type BTL driver
logo
Sanyo Semicon Device
LA6575H SANYO-LA6575H Datasheet
532Kb / 8P
   Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
LA6574H SANYO-LA6574H Datasheet
536Kb / 7P
   Five-Channel Driver (four BTL channels plus one H bridge channel) for MD and CD Player
LA6529M SANYO-LA6529M Datasheet
75Kb / 4P
   CD-ROM Drive Three-Channel Bridge BTL Driver
LA6543 SANYO-LA6543 Datasheet
77Kb / 7P
   4-Channel Bridge (BTL) Driver for CD-ROM
More results


Html Pages

1 2 3 4 5 6 7 8


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com