전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM7513F 데이터시트(PDF) 5 Page - SamHop Microelectronics Corp.

부품명 SM7513F
상세설명  3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM7513F 데이터시트(HTML) 5 Page - SamHop Microelectronics Corp.

  SM7513F Datasheet HTML 1Page - SamHop Microelectronics Corp. SM7513F Datasheet HTML 2Page - SamHop Microelectronics Corp. SM7513F Datasheet HTML 3Page - SamHop Microelectronics Corp. SM7513F Datasheet HTML 4Page - SamHop Microelectronics Corp. SM7513F Datasheet HTML 5Page - SamHop Microelectronics Corp. SM7513F Datasheet HTML 6Page - SamHop Microelectronics Corp. SM7513F Datasheet HTML 7Page - SamHop Microelectronics Corp. SM7513F Datasheet HTML 8Page - SamHop Microelectronics Corp. SM7513F Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
SAMHOP Microelectronics Corp.
ELECTRICAL CHARACTERISTICS (VDD =PVDD = 5.5V, Ta = 25oC unless otherwise noted)
Characteristic
Condition
Min.
Typ.
Max.
Unit
Output offset voltage
(measured differentially)
Power supply rejection ratio
Symbol
VOO
PSRR
llH
VDD=5.5V,Gain=20dB, SE/BTL=0V
VDD=PVDD=4.0V to 5.5V
60
mV
-42
-70
dB
VDD=PVDD=5.5V,
Vl=VDD=PVDD
1uA
High-level input current
(SE/BTL,SHUTDOWN)
3W STEREO AUDIO POWER AMPLIFIER WITH UP / DOWN GAIN CONTROL
Supply current, no load
llL
lDD
VDD=PVDD=5.5V , Vl=0V
1
uA
VDD=PVDD=5.5V,SE/BTL=0V,
SHUTDOWN=2V
Supply current,max power into a 3Ω load
Supply current,shutdown mode
lDD
lDD(SD)
VDD=PVDD=5.5V,SE/BTL=5.5V,
SHUTDOWN=2V
5.5
8.0
10
3.0
5.0
6.0
mA
VDD=5V=PVDD,SE/BTL=0V,
SHUTDOWN=2V,RL=3Ω,
PO=2W,Stereo
1.5
ARMS
SHUTDOWN=0.0V
1
20
uA
Low-level input
current(SE/BTL,SHUTDOWN,VOLUME)
Page 4
V.1.0 Apr 30,2007
OPERATING CHARACTERISTICS
(VDD =PVDD = 5V, RL = 3Ω, Gain = 6dB, Ta = 25oC unless otherwise noted)
Symbol
Characteristic
Output Power (1)
Condition
W
Min.
Typ.
Max.
Unit
PO
THD=1%, f=1 kHz, RL=4Ω
1.9
THD+N
Total harmonic distortion+noise
PO =1W, RL=8Ω, f=20Hz to 20kHz
< 0.6
%
Supply ripple rejection ratio
dB
BTL
-63
-57
SE
VOH
High-level output voltage
RL=8Ω,
Measured between output and VDD
600
mV
VOL
Low-level output voltage
RL=8Ω,
Measured between output and GND
400
mV
V(BYPASS)
Bypass voltage(Nominally VDD/2)(2)
Measured at pin 11,
No load, VDD=5.5V
2.65
2.75
2.85
V
BOM
Maximum output power bandwidth
THD = 5%
> 20
kHz
f=1 kHz, Gain = 0 dB,
C(BYP) = 0.47uF
Initial gain
f= 1kHz , RL =8Ω
dB
-4
-6
-2
THD=10%, f=1 kHz, RL=4Ω
2.4
THD=1%, f=1 kHz, RL=8Ω
1.3
THD=10%, f=1 kHz, RL=8Ω
1.6
THD=10%, f=1 kHz, RL=3Ω,VDD=5.5V
3
(1) Output power is measured at the output terminals of the IC.
(2) At 4V < VDD < 5.5V the DC bypass voltage is approximately VDD/2


유사한 부품 번호 - SM7513F

제조업체부품명데이터시트상세설명
logo
Linkage Goston Electron...
SM7513 LINKAGE-SM7513 Datasheet
1Mb / 7P
   Constant current primary control power switch
More results

유사한 설명 - SM7513F

제조업체부품명데이터시트상세설명
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030 Datasheet
746Kb / 27P
   Stereo 2.6W Audio Amplifier(With Gain Control)
logo
SamHop Microelectronics...
SM7498 SAMHOP-SM7498 Datasheet
789Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7511 SAMHOP-SM7511 Datasheet
2Mb / 23P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
Anpec Electronics Corop...
APA2030 ANPEC-APA2030_13 Datasheet
483Kb / 30P
   Stereo 2.6W Audio Amplifier (With Gain Control)
logo
SamHop Microelectronics...
SM7512 SAMHOP-SM7512 Datasheet
336Kb / 16P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7497 SAMHOP-SM7497 Datasheet
712Kb / 12P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7498HL SAMHOP-SM7498HL Datasheet
794Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
SM7516 SAMHOP-SM7516 Datasheet
343Kb / 13P
   3W STEREO AUDIO POWER AMPLIFIER WITH ADVANCED DC VOLUME CONTROL
logo
SHENZHEN FUMAN ELECTRON...
TC3303 FUMAN-TC3303 Datasheet
354Kb / 7P
   3W-D stereo audio amplifier IC with volume control
logo
Richtek Technology Corp...
RT9104 RICHTEK-RT9104 Datasheet
254Kb / 13P
   3W Stereo Class-D Audio Power Amplifier with DC Volume Control
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com