전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8237 데이터시트(PDF) 4 Page - SamHop Microelectronics Corp.

부품명 SM8237
상세설명  1.2MHz STEP-UP CONVERTER
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8237 데이터시트(HTML) 4 Page - SamHop Microelectronics Corp.

  SM8237 Datasheet HTML 1Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8237 Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
SAMHOP Microelectronics Corp.
1.2MHz STEP-UP CONVERTER
ELECTRICAL CHARACTERISTICS
(TA =25oC, VIN =3V, VSHDN = 3V, unless otherwise noted)
Characteristic
Unit
Min. Typ. Max.
Condition
Minimum operating voltage
V
2.5
-
-
Maximum operating voltage
V
-
-
10
Feedback voltage
mV
86
95
104
ISW =100mA, Duty cycle=66%
FB pin bias current
nA
10
45
100
Supply current
mA
-
1.9
2.5
SHDN=0V
μA
-
0.1
1.0
Switching frequency
MHz
0.8
1.2
1.6
Maximum duty cycle
%
85
90
-
Switch current limit
mA
-
320
-
Switch VCESAT
mV
-
350
-
ISW =250mA
Switch leakage current
μA
-
0.01
5
SHDN voltage high
V
1.5
-
-
VSW =5V
SHDN voltage low
V
-
-
0.4
SHDN pin bias current
-
65
-
μA
Note :
1. Absolute maximum ratings are those values beyond which the life of the device may be impaired.
2. The SM8237 is guatanteed to meet specification from 0 oC to 70 oC. Specification over the -40oC
to 85oC operating temperature range are assured by design, characterization and correlation with
statistical process controls.
Page 3
V.1.3 Aug 28,2007


유사한 부품 번호 - SM8237

제조업체부품명데이터시트상세설명
logo
Nippon Precision Circui...
SM8230A NPC-SM8230A Datasheet
56Kb / 7P
   Tone Dialer with Built-in Piezo Driver
logo
NEC
SM8230A NEC-SM8230A Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
SM8230AS NEC-SM8230AS Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
SM8230A NEC-SM8230A_06 Datasheet
81Kb / 8P
   Tone Dialer with Built-in Piezo Driver
logo
List of Unclassifed Man...
SM823J ETC1-SM823J Datasheet
34Kb / 1P
   R. F. Molded Chokes
More results

유사한 설명 - SM8237

제조업체부품명데이터시트상세설명
logo
Analog Intergrations Co...
AIC3415 AIC-AIC3415 Datasheet
251Kb / 11P
   1.2MHz Synchronous Step-Up Converter
AIC3413 AIC-AIC3413 Datasheet
252Kb / 10P
   1.2MHz Synchronous Step-Up Converter
logo
FOSLINK SEMICONDUCTOR C...
FSP3603 FOSLINK-FSP3603 Datasheet
329Kb / 9P
   1.2MHZ MICROPOWER SYNCHRONOUS STEP-UP CONVERTER
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217 Datasheet
683Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
SHOUDING Shouding Semic...
SB6284 SHOUDING-SB6284 Datasheet
2Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
Eutech Microelectronics...
EUP2624A EUTECH-EUP2624A Datasheet
134Kb / 1P
   750kHz/1.2MHz Step-up DC/DC Converter
logo
Advanced Analogic Techn...
AAT1217 ANALOGICTECH-AAT1217_08 Datasheet
346Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
SHOUDING Shouding Semic...
SDB628 SHOUDING-SDB628 Datasheet
2Mb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
logo
Skyworks Solutions Inc.
AAT1217 SKYWORKS-AAT1217 Datasheet
1,001Kb / 13P
   600mA, 1.2MHz, Micropower Synchronous Step-Up Converter
logo
List of Unclassifed Man...
MT3608 ETC1-MT3608 Datasheet
603Kb / 7P
   High Efficiency 1.2MHz 2A Step Up Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com