전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SM8312 데이터시트(PDF) 6 Page - SamHop Microelectronics Corp.

부품명 SM8312
상세설명  150KHz, 2A PWM Buck Switching Regulator
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SM8312 데이터시트(HTML) 6 Page - SamHop Microelectronics Corp.

Back Button SM8312 Datasheet HTML 2Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 3Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 4Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 5Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 6Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 7Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 8Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 9Page - SamHop Microelectronics Corp. SM8312 Datasheet HTML 10Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
SAMHOP Microelectronics Corp.
SM8312
150KHz, 2A PWM Buck Switching Regulator
6
V1.0 May 17 ,2007
Typical Performance Characteristics (Continued)
1.4
5
10 15
20 22
23 24 25
ON/OFF PIN VOLTAGE (V)
ON/OFF Pin Current (Sinking )
0.0
30.0
60.0
90.0
120.0
150.0
V
IN =40V
-40o C≤ Tj ≤ 125oC
0.0
1.0
2.0
3.0
4.0
5.0
-50 -25
0
25
50
75 100 125
JUNCTION TEMPERATURE ( oC)
Minimum Operating Supply Voltage
V
OUT =1.23V
I
LOAD =120mA
JUNCTION TEMPERATURE ( oC)
ON/OFF Threshold Voltage
0.0
1.0
2.0
3.0
4.0
5.0
-50 -25
0
25
50
75 100 125
Switch Frequency
JUNCTION TEMPERATURE ( oC)
0.0
17.0
34.0
51.0
68.0
-50 -25
0
25
50
75
100 125
JUNCTION TEMPERATURE ( oC)
Feedback Pin Bias Current
0.0
10.0
20.0
30.0
40.0
50.0
-50 -25
0
25
50
75
100 125
Adjustable Version Only
Thermal protection
0
2
4
6
8
10
JUNCTION TEMPERATURE (
50
75
100
125
150
175
200
o C)
TSC OFF
TSD ON


유사한 부품 번호 - SM8312

제조업체부품명데이터시트상세설명
logo
Sharp Corporation
SM8311 SHARP-SM8311 Datasheet
121Kb / 4P
   8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
SM8313 SHARP-SM8313 Datasheet
121Kb / 4P
   8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
SM8314 SHARP-SM8314 Datasheet
121Kb / 4P
   8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
SM8315 SHARP-SM8315 Datasheet
121Kb / 4P
   8-Bit Single-Chip Microcomputer(Controllers For Home Appliances)
More results

유사한 설명 - SM8312

제조업체부품명데이터시트상세설명
logo
Taiwan Semiconductor Co...
TS2496 TSC-TS2496_09 Datasheet
212Kb / 7P
   2A / 150KHz Buck Switching Regulator
logo
YOBON TECHNOLOGIES,INC.
YB1696 YOBON-YB1696 Datasheet
305Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
SamHop Microelectronics...
SM8303 SAMHOP-SM8303 Datasheet
217Kb / 11P
   150KHz, 3A PWM Buck Switching Regulator
logo
Tiger Electronic Co.,Lt...
AP1509 TGS-AP1509 Datasheet
3Mb / 6P
   150KHz 2A PWM Buck DC/DC
logo
Unisonic Technologies
UC34463 UTC-UC34463 Datasheet
197Kb / 6P
   200KHZ, 2A PWM BUCK SWITCHING REGULATOR
UC34463 UTC-UC34463_15 Datasheet
237Kb / 6P
   200KHZ, 2A PWM BUCK SWITCHING REGULATOR
logo
Diodes Incorporated
AP1509 DIODES-AP1509_10 Datasheet
213Kb / 13P
   150KHz, 2A PWM BUCK DC/DC CONVERTER
DS31016 Rev. 4 - 2
logo
HTC Korea TAEJIN Techno...
TJ1509A HTC-TJ1509A Datasheet
795Kb / 8P
   150kHz, 2A PWM Buck DC/DC Converter
logo
Orister Corporation
RS1509 ORISTER-RS1509 Datasheet
204Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
logo
List of Unclassifed Man...
AX1509 ETC2-AX1509 Datasheet
223Kb / 8P
   150KHz, 2A PWM Buck DC/DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com