전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

STU312D 데이터시트(PDF) 2 Page - SamHop Microelectronics Corp.

부품명 STU312D
상세설명  Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAMHOP [SamHop Microelectronics Corp.]
홈페이지  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

STU312D 데이터시트(HTML) 2 Page - SamHop Microelectronics Corp.

  STU312D Datasheet HTML 1Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 2Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 3Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 4Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 5Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 6Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 7Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 8Page - SamHop Microelectronics Corp. STU312D Datasheet HTML 9Page - SamHop Microelectronics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
S T U312D
=
Parameter
S ymbol
Condition
Min Typ Max Unit
OFF CHAR ACTE R IS TICS
Drain-S ource Breakdown Voltage
BVDSS
=
VGS 0V, ID 250uA
=
30
V
Zero Gate Voltage Drain Current
IDSS
VDS 24V, VGS 0V
=
=
1
Gate-Body Leakage
IGSS
VGS
24V, VDS 0V
=
=
100
uA
ON CHAR ACTE R IS TICS
a
Gate Threshold Voltage
VGS(th)
VDS VGS, ID = 250uA
=
V
Drain-S ource On-S tate R esistance
R DS(ON)
VGS 10V, ID 10A
18
VGS 4.5V, ID 8A
36
On-S tate Drain Current
ID(ON)
VDS = 5V, VGS = 4.5V
A
S
Forward Transconductance
FS
g
VDS 10V, ID 10A
DYNAMIC CHAR ACTE R IS TICS
b
Input Capacitance
CISS
CRSS
COSS
Output Capacitance
R everse Transfer Capacitance
VDS =15V, VGS = 0V
f =1.0MHZ
P
F
P
F
P
F
S WITCHING CHAR ACTE R IS TICS
b
Turn-On Delay Time
R ise Time
Turn-Off Delay Time
tD(ON)
tr
tD(OFF)
tf
VDD = 15V
ID = 1 A
VGS = 10V
R GEN = 6 ohm
ns
ns
ns
ns
Total Gate Charge
Gate-S ource Charge
Gate-Drain Charge
Qg
Qgs
Qgd
VDS =15V, ID = 20 A
VGS =10V
nC
nC
nC
C
Fall Time
=
=
=
=
=
=
2
5
24
uA
m ohm
m ohm
N-Channel ELECTRICAL CHARACTERISTICS (TA 25 C unless otherwise noted)
VDS =15V, ID =20A,VGS =10V
nC
VDS =15V, ID =20A,VGS =4.5V
20
110
180
640
13
7
40
12
13
3.5
1.5
6.8
15
ohm
R g
Gate resistance
VGS =0V, VDS = 0V, f=1.0MHZ
0.5
1
3
1.8
24


유사한 부품 번호 - STU312D

제조업체부품명데이터시트상세설명
logo
VBsemi Electronics Co.,...
STU312D VBSEMI-STU312D Datasheet
1Mb / 13P
   N- and P-Channel 40 V (D-S) MOSFET
More results

유사한 설명 - STU312D

제조업체부품명데이터시트상세설명
logo
SamHop Microelectronics...
STU309DH SAMHOP-STU309DH Datasheet
201Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STS3621 SAMHOP-STS3621 Datasheet
195Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU309D SAMHOP-STU309D Datasheet
177Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STU407DH SAMHOP-STU407DH Datasheet
180Kb / 11P
   Dual E nhancement Mode F ield E ffect Transistor ( N and P Channel)
STM4973 SAMHOP-STM4973 Datasheet
890Kb / 7P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDM4953 SAMHOP-SDM4953 Datasheet
358Kb / 5P
   Dual P -Channel E nhancement Mode F ield E ffect Transistor
SDU9435 SAMHOP-SDU9435 Datasheet
396Kb / 5P
   P - Channel E nhancement Mode F ield E ffect Transistor
STS4501 SAMHOP-STS4501 Datasheet
116Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM9435 SAMHOP-STM9435 Datasheet
655Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
STM4431 SAMHOP-STM4431 Datasheet
887Kb / 7P
   P -Channel E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com