전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

ISL54222IUZ 데이터시트(PDF) 7 Page - Intersil Corporation

부품명 ISL54222IUZ
상세설명  High-Speed USB 2.0 (480Mbps) Multiplexer
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  INTERSIL [Intersil Corporation]
홈페이지  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54222IUZ 데이터시트(HTML) 7 Page - Intersil Corporation

Back Button ISL54222IUZ Datasheet HTML 3Page - Intersil Corporation ISL54222IUZ Datasheet HTML 4Page - Intersil Corporation ISL54222IUZ Datasheet HTML 5Page - Intersil Corporation ISL54222IUZ Datasheet HTML 6Page - Intersil Corporation ISL54222IUZ Datasheet HTML 7Page - Intersil Corporation ISL54222IUZ Datasheet HTML 8Page - Intersil Corporation ISL54222IUZ Datasheet HTML 9Page - Intersil Corporation ISL54222IUZ Datasheet HTML 10Page - Intersil Corporation ISL54222IUZ Datasheet HTML 11Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
7
FN6835.0
February 9, 2009
Application Block Diagram
Detailed Description
The ISL54222 device is a dual single pole/double throw
(SPDT) analog switch configured as a DPDT that operates
from a single DC power supply in the range of 1.8V to 3.3V.
It was designed to function as a dual 2-to-1 multiplexer to
select between two USB high-speed differential data signals
in portable battery powered products. It is offered in a TDFN,
MSOP, and a small µTQFN packages for use in MP3
players, cameras, PDAs, cellphones, and other personal
media players. The device has an enable pin to open all
switches.
The part consists of four 5.5
Ω high speed (HSx) switches.
These switches have high bandwidth and low capacitance to
pass USB high-speed (480Mbps) differential data signals
with minimal edge and phase distortion. They can also swing
from 0V to VDD to pass USB full speed (12Mbps) differential
data signals with minimal distortion.
The ISL54222 was designed for MP3 players, cameras,
cellphones, and other personal media player applications
that have multiple high-speed or full-speed transceivers
sections and need to multiplex between these USB sources
to a single USB host (computer). A typical application block
diagram of this functionality is previously shown.
A detailed description of the HS switches is provided in the
following section.
High-Speed (HSx) Switches
The HSx switches (HSD1-, HSD1+, HSD2-, HSD2+) are
bi-directional switches that can pass rail-to-rail signals.
When powered with a 1.8V supply, these switches have a
nominal rON of 5.5Ω over the signal range of 0V to 400mV
with a rON flatness of 0.44Ω. The rON matching between the
HSD1 and HSD2 switches over this signal range is only
0.072
Ω, ensuring minimal impact by the switches to USB
high speed signal transitions. As the signal level increases,
the rON switch resistance increases. At signal level of 1.8V,
the switch resistance is nominally 12
Ω. See Figures 7, 8, 9,
10, 11, 12 in the “Typical Performance Curves” beginning on
page 9.
The HSx switches were specifically designed to pass USB
2.0 high-speed (480Mbps) differential signals in the range of
0V to 400mV. They have low capacitance (6.5pF) and high
bandwidth to pass the USB high-speed signals with
minimum edge and phase distortion to meet USB 2.0 high
speed signal quality specifications. See Figure 13 in the
“Typical Performance Curves” on page 10 for USB
High-speed Eye Pattern taken with switches in the
differential signal paths.
The HSx switches can also pass USB full-speed signals
(12Mbps) with minimal distortion and meet all the USB
requirements for USB 2.0 full-speed signaling. See Figure 14
and 15 in the “Typical Performance Curves” on page 11 for
USB Full-speed Eye Pattern taken with switches in the
differential signal paths.
The maximum normal operating signal range for the HSx
switches is from 0V to VDD. The signal voltage should not be
allow to exceed the VDD voltage rail or go below ground by
more than -0.3V for normal operation.
However, in the event that the USB 5.25V VBUS voltage gets
shorted to one or both of the D-/D+ pins, the ISL54222 has
special fault protection circuitry to prevent damage to the
ISL54222 part. The fault circuitry allows the signal pins (D-,
D+, HSD1-, HSD1+, HSD2-, HSD2+) to be driven up to 5.5V
while the VDD supply voltage is in the range of 0V to 3.3V. In
this condition the part draws < 300µA of IDD current and
causes no stress to the IC. In addition when VDD is at 0V
(ground) all switches are OFF and the fault voltage is
isolated from the other side of the switch. When VDD is in the
PORTABLE MEDIA DEVICE
ISL54222
USB
TRANSCEIVER
HIGH-SPEED
D-
D+
SEL
GND
HSD1-
HSD1+
HSD2-
HSD2+
VDD
OE
LOGIC CIRCUITRY
µCONTROLLER
USB
TRANSCEIVER
FULL-SPEED
VBUS
D-
D+
GND
OR
FULL-SPEED
HIGH_SPEED
OR
#1
#2
ISL54222


유사한 부품 번호 - ISL54222IUZ

제조업체부품명데이터시트상세설명
logo
Intersil Corporation
ISL54222IUZ INTERSIL-ISL54222IUZ Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222IUZ-T INTERSIL-ISL54222IUZ-T Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results

유사한 설명 - ISL54222IUZ

제조업체부품명데이터시트상세설명
logo
Renesas Technology Corp
ISL54220 RENESAS-ISL54220 Datasheet
1Mb / 18P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54223 RENESAS-ISL54223 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
May 27, 2009
logo
Intersil Corporation
ISL54223 INTERSIL-ISL54223 Datasheet
780Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
808Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54221 INTERSIL-ISL54221 Datasheet
741Kb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Renesas Technology Corp
ISL54221 RENESAS-ISL54221 Datasheet
1Mb / 13P
   High-Speed USB 2.0 (480Mbps) Multiplexer
logo
Intersil Corporation
ISL54222A INTERSIL-ISL54222A_10 Datasheet
908Kb / 19P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54220 INTERSIL-ISL54220 Datasheet
841Kb / 18P
   High-Speed USB 2.0 480Mbps Multiplexer
ISL54222 INTERSIL-ISL54222_09 Datasheet
856Kb / 15P
   High-Speed USB 2.0 (480Mbps) Multiplexer
ISL54222A INTERSIL-ISL54222A Datasheet
891Kb / 17P
   High-Speed USB 2.0 (480Mbps) Multiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com