전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4222CG-PBF 데이터시트(PDF) 9 Page - Linear Technology

부품명 TC4222CG-PBF
상세설명  Dual Hot Swap Controller with I2C Compatible Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

TC4222CG-PBF 데이터시트(HTML) 9 Page - Linear Technology

Back Button TC4222CG-PBF Datasheet HTML 5Page - Linear Technology TC4222CG-PBF Datasheet HTML 6Page - Linear Technology TC4222CG-PBF Datasheet HTML 7Page - Linear Technology TC4222CG-PBF Datasheet HTML 8Page - Linear Technology TC4222CG-PBF Datasheet HTML 9Page - Linear Technology TC4222CG-PBF Datasheet HTML 10Page - Linear Technology TC4222CG-PBF Datasheet HTML 11Page - Linear Technology TC4222CG-PBF Datasheet HTML 12Page - Linear Technology TC4222CG-PBF Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
LTC4222
9
4222f
PIN FUNCTIONS
ADIN: ADC Input. A voltage between 0 and 1.28V applied
to this pin is measured by the on-board ADC. Tie to ground
if unused.
ADR0, ADR1, ADR2: Serial Bus Address Inputs. Tying
these pins to ground, open, or INTVCC configures one
of 27 possible addresses. See Table 1 in Applications
Information.
ALERT: Fault Alert Output. Open drain logic output that
is pulled to ground when a fault occurs to alert the host
controller. A fault alert is enabled by setting the corre-
sponding bit in the ALERT register as shown in Table 4.
See Applications Information. Tie to ground if unused.
CONFIG: Configuration Input. Configures the part to control
the two channels together or independently. When CONFIG
is tied to GND both channels start up at the same time. A
fault, EN or ON turn-off command on either channel will
shut down both channels. When CONFIG is tied to INTVCC,
either channel can start up independently. A fault, EN or
ON turn-off command will result in the associated chan-
nel turning off, while the other channel remains on. If one
channel is commanded to turn on while another channel
is in the turn-on sequence, the 4222 waits until the first
channel has finished its turn-on sequence before turning
on the second channel.
EN1, EN2: Enable Input. Ground this pin to indicate a
board is present and enable the N-channel MOSFET to
turn-on. When this pin is high, the MOSFET is not allowed
to turn on. An internal 10μA current source pulls up this
pin. Transitions on this pin are recorded in the FAULT
register. A high-to-low transition activates the logic to read
the state of the ON pin and clear faults. See Applications
Information.
EXPOSED PAD: (Pin 33, QFN Package) Exposed Pad. May
be left open or connected to device ground.
FB1, FB2: Foldback Current Limit and Power-Good Input.
A resistive divider from the output is tied to this pin. When
the voltage at this pin drops below 1.235V, power is not
considered good. The power bad condition may result in the
GPIO pin pulling low or going high impedance depending
on the configuration of CONTROL register bits 6 and 7.
Also a power bad fault is logged when the FB pin is low, the
LTC4222 has finished the startup cycle and the GATE pin
is high. See Applications Information. The startup current
limit folds back from 50mV sense voltage to 16.6mV as
the FB voltage drops from 0.8V to 0.2V. Foldback is not
active once the part leaves startup and the current limit
is increased to 150mV.
GATE1, GATE2: Gate Drive for External N-Channel MOSFET.
An internal 12μA current source charges the gate of the
MOSFET. No compensation capacitor is required on the
GATE pin, but a resistor and capacitor network from this
pin to ground may be used to set the turn-on output voltage
slew rate. During turn-off there is a 1mA pull-down cur-
rent. During a short circuit or under-voltage lockout (VDD
or INTVCC), a 450mA pull-down current source between
GATE and SOURCE is activated.
GND: Device Ground.
GPIO1, GPIO2: General Purpose Input/Output. Open drain
logic output or logic input. Defaults to an output set to pull
low to indicate power is not good. Configure according
to Table 3.
INTVCC: Low Voltage Supply Decoupling Output. Connect
a 0.1μF capacitor from this pin to ground.
ON: (QFN Package) On Control Input. Formed by internally
tying the ON1 and ON2 lines together.
ON1, ON2: (SSOP Package) On Control Inputs. A rising
edge turns on the external N-channel FET and a falling edge
turns it off. This pin also configures the state of the FET
ON register bit (and hence the external FET) at power up.
For example, if the ON pin is tied high, then the FET ON bit
(Control bit 3 in Table 3) goes high 100ms after power-up.
Likewise if the ON pin is tied low then the channel remains
off after power-up until the FET ON bit is set high using
the I2C bus. A high-to-low transition on this pin clears the
fault register for the related channel. The two ON pins are
tied together internally on the QFN package.
OV1, OV2: Overvoltage Comparator Input. Connect this pin
to an external resistive divider from VDD. If the voltage at
this pin rises above 1.235V, an overvoltage fault is detected
and the GATE turns off. Tie to GND if unused.


유사한 부품 번호 - TC4222CG-PBF

제조업체부품명데이터시트상세설명
logo
Productwell Precision E...
TC4220D-750M PRODUCTWELL-TC4220D-750M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

유사한 설명 - TC4222CG-PBF

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC4222 LINER-LTC4222_15 Datasheet
344Kb / 32P
   Dual Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com