전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TC4222CG-PBF 데이터시트(PDF) 1 Page - Linear Technology

부품명 TC4222CG-PBF
상세설명  Dual Hot Swap Controller with I2C Compatible Monitoring
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LINER [Linear Technology]
홈페이지  http://www.linear.com
Logo LINER - Linear Technology

TC4222CG-PBF 데이터시트(HTML) 1 Page - Linear Technology

  TC4222CG-PBF Datasheet HTML 1Page - Linear Technology TC4222CG-PBF Datasheet HTML 2Page - Linear Technology TC4222CG-PBF Datasheet HTML 3Page - Linear Technology TC4222CG-PBF Datasheet HTML 4Page - Linear Technology TC4222CG-PBF Datasheet HTML 5Page - Linear Technology TC4222CG-PBF Datasheet HTML 6Page - Linear Technology TC4222CG-PBF Datasheet HTML 7Page - Linear Technology TC4222CG-PBF Datasheet HTML 8Page - Linear Technology TC4222CG-PBF Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC4222
1
4222f
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
Dual Hot Swap Controller
with I2C Compatible
Monitoring
The LTC®4222 Hot Swap™ controller allows two power
paths to be safely inserted and removed from a live back-
plane. Using external N-channel pass transistors, board
supply voltages and inrush currents are ramped up at an
adjustable rate. An I2C interface and onboard ADC allows
for monitoring of current, voltage and fault status for
each channel.
The device features adjustable, analog, foldback current
limit circuits and a Soft-Start circuit that sets the dI/dt of
the inrush currents. An I2C interface may configure the
part to latch off or automatically restart after the LTC4222
detects a fault on either channel.
The controller has additional features to interrupt the host
when a fault has occurred, notify when output power is
good, detect insertion of a load card and power-up either
automatically upon insertion or wait for an I2C command
to turn on.
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Hot Swap
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners. Protected by U.S. Patents including 7330065.
Advanced Mezzanine Card Application
n Allows Safe Insertion Into a Live Backplane
n 10-Bit ADC Monitors Currents and Voltages
n I2C/SMBus Interface
n Wide Operating Voltage Range: 2.9V to 29V
n dI/dt Controlled Soft-Start
n High Side Drive for External N-Channel MOSFETs
n No External Gate Capacitors Required
n Input Overvoltage/Undervoltage Protection
n Optional Latchoff or Auto-Retry After Faults
n Alert Host After Faults
n Inrush Current Limit with Foldback
n Available in 32-Pin (5mm
× 5mm) QFN and 36-Pin
SSOP Packages
n Live Board Insertion
n Electronic Circuit Breakers
n Computers, Servers
n Platform Management
UV1 VDD1
SENSE1
LTC4222
GATE1
INTVCC
ADR2
ADR1
NC
ADR0
CONFIG
SOURCE1
UV2 VDD2
12V
7.4A
3.3V
150mA
AUXPGOOD
12PGOOD
SENSE2GATE2 SOURCE2
OV1
OV2
ALERT
SCL
SDA
ON
FB1
ADIN1
TIMER
GPIO1
EN1
SS
10Ω
68nF
6mΩ
Si7336ADP
10.2k
3.57k
10Ω
4222 TA01a
0.1μF
34k
1.02k
3.4k
GND
ALERT
SCL
ON
SDA
12V
ADIN2
FB2
GPIO2
EN2
0.1μF
10Ω
300mΩ
Si1046R
4.99k
3.57k
10Ω
0.1μF
6.55k
1.02k
3.4k
3.3V
PLUG-IN
CARD
BACKPLANE
1μF
10nF
Start-Up Waveform with Sequencing
VOUT2
10V/DIV
VOUT1
10V/DIV
GPIO
PGOOD
10V/DIV
VIN1/2
10V/DIV
4222 TA01b
50ms/DIV
CONTACT
BOUNCE


유사한 부품 번호 - TC4222CG-PBF

제조업체부품명데이터시트상세설명
logo
Productwell Precision E...
TC4220D-750M PRODUCTWELL-TC4220D-750M Datasheet
129Kb / 4P
   TOROID INDUCTORS
More results

유사한 설명 - TC4222CG-PBF

제조업체부품명데이터시트상세설명
logo
Linear Technology
LTC4222 LINER-LTC4222_15 Datasheet
344Kb / 32P
   Dual Hot Swap Controller with I2C Compatible Monitoring
LTC4215-3 LINER-LTC4215-3_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-2 LINER-LTC4215-2_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1_15 Datasheet
317Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215_15 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280_15 Datasheet
296Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215 LINER-LTC4215 Datasheet
350Kb / 24P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215-1 LINER-LTC4215-1 Datasheet
311Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4215CUFD-2 LINER-LTC4215CUFD-2 Datasheet
271Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
LTC4280 LINER-LTC4280 Datasheet
292Kb / 28P
   Hot Swap Controller with I2C Compatible Monitoring
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com