전자부품 데이터시트 검색엔진 |
|
FD7520TL-25.0M-PLE-1K 데이터시트(PDF) 8 Page - Pletronics, Inc. |
|
FD7520TL-25.0M-PLE-1K 데이터시트(HTML) 8 Page - Pletronics, Inc. |
8 / 19 page FD7T Series Multi-Output CMOS Clock Oscillator May 2008 www.pletronics.com 425-776-1880 8 Electrical Specification over the specified temperature range Item Min Max Unit Condition Base Frequency 12 32 MHZ Frequency Range OUT1 0.0117 230 MHZ Base Frequency / (1 to 1023) -or- PLL1 Frequency Range OUT2 - 7 0.0945 230 MHZ Frequency Accuracy “45" -50 +50 ppm For all supply voltages, load changes, aging for 1 year, shock, vibration and temperatures “44" -25 +25 “20" -20 +20 Recommended Operating Conditions Device Supply Voltage V DD 1.7 1.9 V Output Supply Voltage V DDOUT 1.7 3.6 V Output Supply Voltage “L” V DDOUT 1.7 1.9 V Low Level Input voltage -- 30 % of V DD High Level Input voltage 70 -- % of V DD Input Voltage Range, S0 If 1K ohm in series with S0 pad 0 -1 1.9 4.0 VV TH is 0.5 * VDD Input Voltage Range, S1, S2 0 3.6 V V TH is 0.5 * VDD Input current for: S0 with 1K ohm in series S0, S1, S2 03 mA V IN = 4V; VDD = 1.8V 05 µA V IN = VDD; VDD = 1.9V -4 0 µA V IN = 0.0VD; VDD = 1.9V Output Current, V DDOUT = 3.3V -12 +12 mA Output Current, V DDOUT = 2.5V -10 +10 mA Output Current, V DDOUT = 1.8V -5 +5 mA Output Current “L”, V DDOUT = 1.8V -8 +8 mA Output Load, LVCMOS -- 10 pf Higher loads can be used LVCMOS Output Parameters for V DDOUT = 3.3v Output High, V DDOUT = 3.3V 2.9 -- V I OH = -0.1 mA 2.4 -- V I OH = -8.0 mA 2.2 -- V I OH = -12.0 mA Output Low, V DDOUT = 3.3V -- 0.1 V I OH = +0.1 mA -- 0.5 V I OH = +8.0 mA -- 0.8 V I OH = +12.0 mA Rise & Fall Time -- 0.6 nS V DDOUT = 3.3v, 20 - 80%, 10pF Load Output Symmetry 45 55 % at 50% point of V DDOUT |
유사한 부품 번호 - FD7520TL-25.0M-PLE-1K |
|
유사한 설명 - FD7520TL-25.0M-PLE-1K |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |