전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF4460 데이터시트(PDF) 6 Page - LUXPIA

부품명 LF4460
상세설명  Video Memory / FIFO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  LUXPIA [LUXPIA]
홈페이지  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LF4460 데이터시트(HTML) 6 Page - LUXPIA

Back Button LF4460 Datasheet HTML 2Page - LUXPIA LF4460 Datasheet HTML 3Page - LUXPIA LF4460 Datasheet HTML 4Page - LUXPIA LF4460 Datasheet HTML 5Page - LUXPIA LF4460 Datasheet HTML 6Page - LUXPIA LF4460 Datasheet HTML 7Page - LUXPIA LF4460 Datasheet HTML 8Page - LUXPIA LF4460 Datasheet HTML 9Page - LUXPIA LF4460 Datasheet HTML 10Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
MEMORY
FRAME
Video Memory / FIFO
LOGIC Devices Incorporated
www.logicdevices.com
6
January 23, 2008 LDS-44xx-A
High Performance Memory Product
LF4460
LF4430
LF4415
PRELIMINARY
LF4430 (30Mbit) Memory Organization
*Only Single Channel Modes are capable of using the External Address port (ADDR)
RDRW
Address Description
0
1
Figure 4 - External Address Port Configuration*
Override
Write
Read
External address port (ADDR) overrides WRITE address when WSET0 = LOW
External address port (ADDR) overrides READ address when RSET = LOW
11 10
9
8
7
6
5
4
3
2 1
0
11 10
9
8
7
6
5
4
3
2 1
0
I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 ---- ---- ---- ----
I/O9 I/O8 I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 ---- ----
I/O11 I/O10 I/O9 I/O8 I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0
I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 ---- ---- ---- ----
I/O15 I/O14 I/O13 I/O12 I/O11 I/O10 I/O9 I/O8 ---- ---- ---- ----
I/O9 I/O8 I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0 NC NC
I/O19 I/O18 I/O17 I/O16 I/O15 I/O14 I/O13 I/O12 I/O11 I/O10 ---- ----
I/O11 I/O10 I/O9 I/O8 I/O7 I/O6 I/O5 I/O4 I/O3 I/O2 I/O1 I/O0
I/O23 I/O22 I/O21 I/O20 I/O19 I/O18 I/O17 I/O16 I/O15 I/O14 I/O13 I/O12
D0/Q0[11:0]
D1/Q1[11:0]
I/O Word
Width
8
10
12
16
20
24
Figure 5 - Single Channel FIFO I/O Mapping
# FIFO
Memory
MODE
Description
1
1
1
1
1
1
2
2
2
Figure 3 - LF4430 (30Mbit) Memory Organization Control
Channels
Organization
8 x 3,880,800
10 x 3,104,640
12 x 2,587,200
16 x 1,940,040
20 x 1,552,320
24 x 1,293,600
(2x) 8 x 1,940,040
(2x) 10 x 1,552,320
(2x) 12 x 1,293,600
000x
0010
0011
100x
1010
1011
110x
1110
1111
8bit wide 30Mbit single-channel FIFO
10bit wide 30Mbit single-channel FIFO
12bit wide 30Mbit single-channel FIFO
16bit wide 30Mbit single-channel FIFO
20bit wide 30Mbit single-channel FIFO
24bit wide 30Mbit single-channel FIFO
Two independent 8bit wide 15Mbit FIFOs
Two independent 10bit wide 15Mbit FIFOs
Two independent 12bit wide 15Mbit FIFOs


유사한 부품 번호 - LF4460

제조업체부품명데이터시트상세설명
logo
Texas Instruments
LF441 TI1-LF441 Datasheet
484Kb / 12P
[Old version datasheet]   LF441 Low Power JFET Input Operational Amplifier
LF441883 TI1-LF441883 Datasheet
484Kb / 12P
[Old version datasheet]   LF441 Low Power JFET Input Operational Amplifier
LF441ACN TI1-LF441ACN Datasheet
484Kb / 12P
[Old version datasheet]   LF441 Low Power JFET Input Operational Amplifier
logo
ON Semiconductor
LF441C ONSEMI-LF441C Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
LF441CD ONSEMI-LF441CD Datasheet
209Kb / 10P
   LOW POWER JFET INPUT OPERATIONAL AMPLIFIERS
1996 Rev 0
More results

유사한 설명 - LF4460

제조업체부품명데이터시트상세설명
logo
Mitsubishi Electric Sem...
M66850J MITSUBISHI-M66850J Datasheet
118Kb / 15P
   SRAM TYPE FIFO MEMORY
logo
AverLogic Technologies ...
AL460_1.2 AVERLOGIC-AL460_1.2 Datasheet
403Kb / 14P
   Full HD FIFO Memory
AL462 AVERLOGIC-AL462 Datasheet
3Mb / 38P
   Ultra HD FIFO Memory
logo
List of Unclassifed Man...
VT7203 ETC-VT7203 Datasheet
431Kb / 8P
   2,048 X 9 FIFO MEMORY
logo
AverLogic Technologies ...
AL422B AVERLOGIC-AL422B_V01 Datasheet
1Mb / 20P
   3M-Bits FIFO Field Memory
logo
List of Unclassifed Man...
VT7202 ETC-VT7202 Datasheet
431Kb / 8P
   1,024 X 9 FIFO MEMORY
AL422 ETC1-AL422 Datasheet
254Kb / 20P
   AL422 3M-Bits FIFO Field Memory
logo
Fairchild Semiconductor
3341 FAIRCHILD-3341 Datasheet
174Kb / 3P
   64 x 4 FIFO Serial Memory
logo
Renesas Technology Corp
M66252P RENESAS-M66252P Datasheet
2Mb / 12P
   1152*8-BIT LINE MEMORY(FIFO)
logo
List of Unclassifed Man...
AL440B-12 ETC-AL440B-12 Datasheet
672Kb / 33P
   4Mbits (512k x 8-bit) FIFO memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com