전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

FD7510TE-25.0M-PLE 데이터시트(PDF) 3 Page - Pletronics, Inc.

부품명 FD7510TE-25.0M-PLE
상세설명  Multi-Output CMOS Clock Oscillator
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  PLETRONICS [Pletronics, Inc.]
홈페이지  http://www.pletronics.com
Logo PLETRONICS - Pletronics, Inc.

FD7510TE-25.0M-PLE 데이터시트(HTML) 3 Page - Pletronics, Inc.

  FD7510TE-25.0M-PLE Datasheet HTML 1Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 2Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 3Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 4Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 5Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 6Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 7Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 8Page - Pletronics, Inc. FD7510TE-25.0M-PLE Datasheet HTML 9Page - Pletronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
FD7T Series Multi-Output
CMOS Clock Oscillator
May 2008
www.pletronics.com
425-776-1880
3
Reference
oscillator
optional
Voltage
controlled
Vcontrol (2)
Programming
control
eePROM
SDA/SCL
Registers
Sx Control
S2/SCL (12)
S1/SDA (13)
S0
(14)
(8)
Out5
MUX #5
Y7
(4)
Out4
MUX #4
Y5
(9)
Out3
MUX #3
Y3
(10)
Out2
MUX #2
Y2
(11)
Out1
Y1
Divider #6
/1 to /127
Divider #7
/1 to /127
PLL Multiplier #3
optional Spread Spectrum
optional Bypass Mode
Divider #4
/1 to /127
Divider #5
/1 to /127
PLL Multiplier #2
optional Spread Spectrum
optional Bypass Mode
Divider #2
/1 to /127
Divider #3
/1 to /127
PLL Multiplier #1
optional Spread Spectrum
optional Bypass Mode
MUX #1
Divider #1
/1 to /1023
Vddout
(5)
Vdd 1.8V (1)
Ground (3)
Reference
oscillator
optional
Voltage
controlled
Vcontrol (2)
Programming
control
eePROM
SDA/SCL
Registers
Sx Control
S2/SCL (12)
S1/SDA (13)
S0
(14)
PLL Multiplier #4
optional Spread Spectrum
optional Bypass Mode
Divider #8
/1 to /127
Divider #9
/1 to /127
MUX #7
Y9
(7)
Out7
(6)
Out6
MUX #6
Y8
(8)
Out5
MUX #5
Y7
(4)
Out4
MUX #4
Y5
(9)
Out3
MUX #3
Y3
(10)
Out2
MUX #2
Y2
(11)
Out1
Y1
Divider #6
/1 to /127
Divider #7
/1 to /127
PLL Multiplier #3
optional Spread Spectrum
optional Bypass Mode
Divider #4
/1 to /127
Divider #5
/1 to /127
PLL Multiplier #2
optional Spread Spectrum
optional Bypass Mode
Divider #2
/1 to /127
Divider #3
/1 to /127
PLL Multiplier #1
optional Spread Spectrum
optional Bypass Mode
MUX #1
Divider #1
/1 to /1023
Vddout
(5)
Vdd 1.8V (1)
Ground (3)
FD75xxT
FD77xxT


유사한 부품 번호 - FD7510TE-25.0M-PLE

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
FD7509 ETC-FD7509 Datasheet
916Kb / 11P
   80A 75V N-channel Enhancement Mode Power MOSFET
Rev. 1.0
More results

유사한 설명 - FD7510TE-25.0M-PLE

제조업체부품명데이터시트상세설명
logo
ECS, Inc.
ECS-300C ECS-ECS-300C Datasheet
154Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
ECS-300CX ECS-ECS-300CX Datasheet
157Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
ECS-300C ETC1-ECS-300C Datasheet
135Kb / 1P
   DUAL OUTPUT CMOS CLOCK OSCILLATOR
logo
QUARTZCOM the communica...
MCO-6SP QUARTZCOM-MCO-6SP Datasheet
119Kb / 1P
   SMD Clock Oscillator Programmable Output signal CMOS
logo
Pletronics, Inc.
FD51XXT PLETRONICS-FD51XXT Datasheet
134Kb / 11P
   CMOS Clock Oscillator
logo
Wolfgang Knap
SXO2000 WK-SXO2000 Datasheet
35Kb / 1P
   HS CMOS CLOCK OSCILLATOR
logo
List of Unclassifed Man...
CB3 ETC1-CB3 Datasheet
145Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Wolfgang Knap
SXO100 WK-SXO100 Datasheet
30Kb / 1P
   CMOS/TTL CLOCK-OSCILLATOR
logo
CTS Corporation
636 CTS-636 Datasheet
154Kb / 4P
   CMOS/TTL CLOCK OSCILLATOR
logo
Pletronics, Inc.
FD5T PLETRONICS-FD5T Datasheet
213Kb / 12P
   Programmable CMOS Clock Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com