전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDM-30M-10G 데이터시트(PDF) 2 Page - Merrimac Industries, Inc.

부품명 CDM-30M-10G
상세설명  DUAL DIRECTIONAL COUPLERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MERRIMAC [Merrimac Industries, Inc.]
홈페이지  http://www.merrimacind.com
Logo MERRIMAC - Merrimac Industries, Inc.

CDM-30M-10G 데이터시트(HTML) 2 Page - Merrimac Industries, Inc.

  CDM-30M-10G Datasheet HTML 1Page - Merrimac Industries, Inc. CDM-30M-10G Datasheet HTML 2Page - Merrimac Industries, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
For further information contact
MERRIMAC / 41 Fairfield Pl., West Caldwell, NJ, 07006 / 973-575-1300 / FAX 973-575-0531
CDM-M-G Series
DUAL DIRECTIONAL COUPLERS
500 MHz to 18 GHz / Stripline Octave Bandwidths / 10, 20, 30 dB Coupling / 50 W / Low Cost /
SMA
General Notes:
1. Units in the CDM series of dual directional couplers comprise two directional couplers back-to-back designed to
monitor both forward and reflected power with minimal perturbation to the main line signal.
2. Each miniature coupler is a multi section quarter wave coupler utilizing stripline technology designed to cover an
octave band of frequencies.
3. Dual directional couplers with unequal coupling values or dual in-line configuration may be custom ordered with
coupling values up to 30 dB and with coverage extending over selected frequency bands up to 18 GHz.
4. Merrimac directional couplers comply with MIL-C-15370 and may be supplied screened for compliance with
additional specifications you designate for military and aerospace applications requiring higher reliability
Package Outline
NOTES:
1. Tolerance on 3 place
decimals
±.020(.51) except as noted.
2. Dimensions in inches over millimeters.
3. Weights are nominal on all outlines.
21Feb96


유사한 부품 번호 - CDM-30M-10G

제조업체부품명데이터시트상세설명
logo
CUI INC
CDM-10008 CUI-CDM-10008 Datasheet
1Mb / 4P
   metal frame
logo
CUI Devices
CDM-10008 CUID-CDM-10008 Datasheet
870Kb / 4P
   SPEAKER
03/31/2023
logo
CUI INC
CDM-12008 CUI-CDM-12008 Datasheet
1Mb / 4P
   metal frame
logo
CUI Devices
CDM-12008 CUID-CDM-12008 Datasheet
1Mb / 4P
   SPEAKER
08/05/2022
logo
CUI INC
CDM-13008 CUI-CDM-13008 Datasheet
886Kb / 4P
   metal frame
More results

유사한 설명 - CDM-30M-10G

제조업체부품명데이터시트상세설명
logo
Merrimac Industries, In...
CGN-30-0.9G MERRIMAC-CGN-30-0.9G Datasheet
230Kb / 2P
   DUAL DIRECTIONAL COUPLERS
logo
Tyco Electronics
CH20 MACOM-CH20 Datasheet
220Kb / 2P
   HIGH POWER DUAL DIRECTIONAL COUPLERS
logo
SYNERGY MICROWAVE CORPO...
KEK-704DH SYNERGY-KEK-704DH Datasheet
25Kb / 1P
   DUAL HIGH POWER DIRECTIONAL COUPLERS
logo
Merrimac Industries, In...
CSM-6M-.75G MERRIMAC-CSM-6M-.75G Datasheet
47Kb / 2P
   DIRECTIONAL COUPLERS
CWM-10M-2.3G MERRIMAC-CWM-10M-2.3G Datasheet
111Kb / 2P
   DIRECTIONAL COUPLERS
CRM-10-50 MERRIMAC-CRM-10-50 Datasheet
163Kb / 2P
   DIRECTIONAL COUPLERS
CRS-10-165 MERRIMAC-CRS-10-165 Datasheet
88Kb / 1P
   DIRECTIONAL COUPLERS
CSD-10H-1.9G MERRIMAC-CSD-10H-1.9G Datasheet
177Kb / 5P
   DIRECTIONAL COUPLERS
logo
Anaren Microwave
10930-6 ANAREN-10930-6_14 Datasheet
159Kb / 4P
   Directional Couplers
1X505 ANAREN-1X505 Datasheet
83Kb / 2P
   Directional Couplers
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com