전자부품 데이터시트 검색엔진 |
|
CD4070BE 데이터시트(PDF) 4 Page - Texas Instruments |
|
|
CD4070BE 데이터시트(HTML) 4 Page - Texas Instruments |
4 / 8 page 4 AC Electrical Specifications TA = 25 oC, Input t r, tf = 20ns, CL = 50pF, RL = 200kΩ PARAMETER SYMBOL TEST CONDITIONS LIMITS ON ALL TYPES UNITS VDD (V) TYP MAX Propagation Delay Time tPHL, tPLH 5 140 280 ns 10 65 130 ns 15 50 100 ns Transition Time tTHL, tTLH 5 100 200 ns 10 50 100 ns 15 40 80 ns Input Capacitance CIN Any Input 5 7.5 pF Typical Performance Curves FIGURE 3. TYPICAL OUTPUT LOW (SINK) CURRENT CHARACTERISTICS FIGURE 4. MINIMUM OUTPUT LOW (SINK) CURRENT CHARACTERISTICS FIGURE 5. TYPICAL OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS FIGURE 6. MINIMUM OUTPUT HIGH (SOURCE) CURRENT CHARACTERISTICS TA = 25 oC GATE TO SOURCE VOLTAGE (VGS) = 15V 10V 5V 30 25 20 15 10 5 0 0 5 10 15 VDS, DRAIN TO SOURCE VOLTAGE (V) TA = 25 oC GATE TO SOURCE VOLTAGE (VGS) = 15V 10V 5V 15 12.5 10 7.5 5 2.5 0 0 5 10 15 VDS, DRAIN TO SOURCE VOLTAGE (V) TA = 25 oC GATE TO SOURCE VOLTAGE (VGS) = -5V -10V -15V -5 -10 -15 -20 -25 -30 0 0 -5 -10 -15 VDS, DRAIN TO SOURCE VOLTAGE (V) TA = 25 oC GATE TO SOURCE VOLTAGE (VGS) = -5V -10V -15V -15 -10 -5 0 0 -5 -10 -15 VDS, DRAIN TO SOURCE VOLTAGE (V) CD4070B, CD4077B |
유사한 부품 번호 - CD4070BE |
|
유사한 설명 - CD4070BE |