전자부품 데이터시트 검색엔진 |
|
CD4070BF 데이터시트(PDF) 3 Page - Texas Instruments |
|
|
CD4070BF 데이터시트(HTML) 3 Page - Texas Instruments |
3 / 8 page 3 Absolute Maximum Ratings Thermal Information DC Supply Voltage Range (VDD) . . . . . . . . . . . . . . . . . -0.5V to 20V Input Voltage Range, All Inputs . . . . . . . . . . . . . . -0.5V to VDD 0.5V DC Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .± 10mA Operating Conditions Temperature Range (TA) . . . . . . . . . . . . . . . . . . . . . -55 oC to 125oC Supply Voltage Range (Typical) . . . . . . . . . . . . . . . . . . . . 3V to 18V Thermal Resistance (Typical, Note 1) θJA (oC/W) θJC (oC/W) PDIP Package . . . . . . . . . . . . . . . . . . . 90 N/A CERDIP Package . . . . . . . . . . . . . . . . 95 38 SOIC Package . . . . . . . . . . . . . . . . . . . 175 N/A Maximum Junction Temperature (Hermetic Package or Die)175oC Maximum Junction Temperature (Plastic Package) . . . . . . . . 150oC Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. NOTE: 1. θJA is measured with the component mounted on an evaluation PC board in free air. DC Electrical Specifications PARAMETER CONDITIONS LIMITS AT INDICATED TEMPERATURES (oC) UNITS -55 -40 85 125 25 VO (V) VIN (V) VDD (V) MIN TYP MAX Quiescent Device Current IDD Max - 0, 5 5 0.25 0.25 7.5 7.5 - 0.01 0.25 µA - 0, 10 10 0.5 0.5 15 15 - 0.01 0.5 µA - 0, 15 15 1 1 30 30 - 0.01 1 µA - 0, 20 20 5 5 150 150 - 0.02 5 µA Output Low (Sink) Current IOL Min 0.4 0, 5 5 0.64 0.61 0.42 0.36 0.51 1 - mA 0.5 0, 10 10 1.6 1.5 1.1 0.9 1.3 2.6 - mA 1.5 0, 15 15 4.2 4 2.8 2.4 3.4 6.8 - mA Output High (Source) Current IOH Min 4.6 0, 5 5 -0.64 -0.61 -0.42 -0.36 -0.51 -1 - mA 2.5 0, 5 5 -2 -1.8 -1.3 -1.15 -1.6 -3.2 - mA 9.5 0, 10 10 -1.6 -1.5 -1.1 -0.9 -1.3 -2.6 - mA 13.5 0, 15 15 -4.2 -4 -2.8 -2.4 -3.4 -6.8 - mA Output Voltage: Low Level, VOL Max - 0, 5 5 0.05 0.05 0.05 0.05 - 0 0.05 V - 0, 10 10 0.05 0.05 0.05 0.05 - 0 0.05 V - 0, 15 15 0.05 0.05 0.05 0.05 - 0 0.05 V Output Voltage: High Level, VOH Min - 0, 5 5 4.95 4.95 4.95 4.95 4.95 5 - V - 0, 10 10 9.95 9.95 9.95 9.95 9.95 10 - V - 0, 15 15 14.95 14.95 14.95 14.95 14.95 15 - V Input Low Voltage, VIL Max 0.5, 4.5 - 5 1.5 1.5 1.5 1.5 - - 1.5 V 1, 9 - 10 3333 - - 3 V 1.5, 13.5 - 15 4444 - - 4 V Input High Voltage, VIH Min 0.5, 4.5 - 5 3.5 3.5 3.5 3.5 3.5 - - V 1, 9 - 10 7777 7 - - V 1.5, 13.5 - 15 11 11 11 11 11 - - V Input Current, IIN Max - 0, 18 18 ±0.1 ±0.1 ±1 ±1- ±10-5 ±0.1 µA CD4070B, CD4077B |
유사한 부품 번호 - CD4070BF |
|
유사한 설명 - CD4070BF |