전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MJE4352 데이터시트(PDF) 3 Page - Mospec Semiconductor

부품명 MJE4352
상세설명  POWER TRANSISTORS(16A,100-160V,125W)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

MJE4352 데이터시트(HTML) 3 Page - Mospec Semiconductor

  MJE4352 Datasheet HTML 1Page - Mospec Semiconductor MJE4352 Datasheet HTML 2Page - Mospec Semiconductor MJE4352 Datasheet HTML 3Page - Mospec Semiconductor MJE4352 Datasheet HTML 4Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
A


유사한 부품 번호 - MJE4352

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJE4352 MOTOROLA-MJE4352 Datasheet
197Kb / 6P
   16 AMPERE POWER TRANSISTORS COMPLEMENTARY SILICON 140-160 VOLTS
logo
Savantic, Inc.
MJE4352 SAVANTIC-MJE4352 Datasheet
139Kb / 3P
   Silicon PNP Power Transistors
logo
Inchange Semiconductor ...
MJE4352 ISC-MJE4352 Datasheet
134Kb / 3P
   Silicon PNP Power Transistors
logo
Savantic, Inc.
MJE4352 SAVANTIC-MJE4352 Datasheet
141Kb / 3P
   Silicon NPN Power Transistors
More results

유사한 설명 - MJE4352

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
TIP35D MOSPEC-TIP35D Datasheet
164Kb / 3P
   POWER TRANSISTORS(25A,120-160V,125W)
BDV66 MOSPEC-BDV66 Datasheet
102Kb / 3P
   POWER TRANSISTORS(16A,60-100V,125W)
BDV64 MOSPEC-BDV64 Datasheet
170Kb / 4P
   POWER TRANSISTORS(12A,125W)
2N6544 MOSPEC-2N6544 Datasheet
217Kb / 4P
   POWER TRANSISTORS(8A,125W)
BD249 MOSPEC-BD249 Datasheet
131Kb / 3P
   POWER TRANSISTORS(25A,125W)
2SC2921 MOSPEC-2SC2921 Datasheet
116Kb / 3P
   POWER TRANSISTORS(15A,160V,150W)
2SA1215 MOSPEC-2SA1215 Datasheet
115Kb / 3P
   POWER TRANSISTORS(15A,160V,150W)
2SA1011 MOSPEC-2SA1011 Datasheet
109Kb / 3P
   POWER TRANSISTORS(1.5A,160V,25W)
BU826 MOSPEC-BU826 Datasheet
75Kb / 2P
   POWER TRANSISTORS(6A,375V,125W)
BU508 MOSPEC-BU508 Datasheet
162Kb / 4P
   POWER TRANSISTORS(5A,1500V,125W)
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com