전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SPI900GCM 데이터시트(PDF) 1 Page - Sparkle Power Inc.

부품명 SPI900GCM
상세설명  900 Watts ATX12V& EPS12V Switching Power Supply
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SPI [Sparkle Power Inc.]
홈페이지  http://www.sparklepower.com
Logo SPI - Sparkle Power Inc.

SPI900GCM 데이터시트(HTML) 1 Page - Sparkle Power Inc.

  SPI900GCM Datasheet HTML 1Page - Sparkle Power Inc. SPI900GCM Datasheet HTML 2Page - Sparkle Power Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Input Characteristics
Input Range: 99 ~ 265Vac (RMS), Full Range Input
Frequency: 47 ~ 53Hz
Input Current: Max 11A (RMS) @ 115Vac,5.5A (RMS) @ 230Vac
Inrush Current: No damage
Sparkle Power Inc.
A Leading Power Supply Manufacturer
Web site: www.sparklepower.com
Specification
Temperature Range: Operating:10°C ~ +50°C ; De-rate 6W/
from
25
to 50
, 900W at 25
.
Storage & shipping: -20°C ~ +80°C
Humidity: 5%~95% on operating,5%~ 95% on storage
Dielectric Withstand: Primary frame ground 1800V AC for 1
second
Efficiency: typical > 80%
Rise time: Less than 20ms
Hold-up Time: 20ms minimum at nominal input voltage
Power Good Signal: Power on delay time 100 ~ 500ms, off delay
1ms minimum (TTL and CMOS compatible)
Leakage Current: Less than 3.5mA.
MTBF: 100,000 hours on maximum load at +25°C
Dimensions (LxWxH): 165x150x85.8mm/6.5x5.9x3.4inch
Output Characteristics
Output Voltage
Minimum Load
Normal Load
Maximum Load
Load Reg.
Ripple & Noise
+3.3V
0.8A
15A
30A
± 5%
75mV P-P
+5V
0.5A
15A
30A
± 5%
75mV P-P
+12V1~+12V4
0.5A
10A
20A
± 5%
140mV P-P
-12V
0.0A
0.5A
1A
± 10%
140mV P-P
+5Vsb
0.1A
1.5A
3.0A
± 5%
75mV P-P
*+3.3V and +5V total output not exceed 175W.
*Maximum combined current for the 12V outputs shall be70A..
*+3.3V and +5V &+12V outputs power should not exceed 875W. * Total output for this subject power supply is 900W
MAGNA 900(R-SPI900GCM)
(RoHS Compliant)
900 Watts ATX12V& EPS12V Switching Power Supply
Sparkle Power Inc.
Main Office
1000 Rock Avenue
San Jose, CA 95131
TEL: 408-519-8888
FAX: 408-519-9999
E-MAIL: info@sparklepower.com
Sparkle Power Inc.
Los Angeles Office
17071 Green Drive
City of Industry, CA 91745
TEL: 626-839-7180
FAX: 626-839-3395
Features
Complied with ATX12V and EPS12V standard
Active Power Factor Correction (PFC) meet EN61000-3-2
High efficiency and reliability
Compatible with European Union Directive 2002/95/EC
(Restriction on Hazardous Substances).
Remote ON/OFF function
Internal 12V DC fan included
Noise Killer (thermal fan speed control function)
Low noise and ripple
Output over voltage, short circuit, and over current protection
100% Hi-pot, ATE, and burn-in tested
Re-settable power shut down
Complies with FCC part 15 subpart J class B 115Vac operation,
and CISPR 22 class B at 230Vac operation
Approved by UL/CUL 60950-1, CSA,NEMKO EN60950-1 (CB
Report) CE,VDE,EMC,FCC


유사한 부품 번호 - SPI900GCM

제조업체부품명데이터시트상세설명
logo
List of Unclassifed Man...
SPI-20686 ETC-SPI-20686 Datasheet
485Kb / 3P
   SPI Ground Gard 5 / 5.5 Operation, Installation, and Maintenance
logo
Sparkle Power Inc.
SPI-230G SPI-SPI-230G Datasheet
443Kb / 2P
   Complied with AT standard
logo
Sanyo Semicon Device
SPI-235-19 SANYO-SPI-235-19 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-236-17 SANYO-SPI-236-17 Datasheet
37Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
SPI-238-18 SANYO-SPI-238-18 Datasheet
40Kb / 6P
   Ultraminiature photointerrupter (single-transistor type)
More results

유사한 설명 - SPI900GCM

제조업체부품명데이터시트상세설명
logo
Sparkle Power Inc.
FSP650-80GLC SPI-FSP650-80GLC Datasheet
103Kb / 1P
   650 Watts EPS12V & ATX12V Switching Power Supply
FSP400-70MP SPI-FSP400-70MP Datasheet
416Kb / 2P
   400 Watts ATX12V,EPS12V Switching Power Supply
R-SPI600GHN SPI-R-SPI600GHN Datasheet
547Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
FSP600-80GLC SPI-FSP600-80GLC Datasheet
468Kb / 2P
   600 Watts EPS12V & ATX12V Switching Power Supply
SPI600ACH5B SPI-SPI600ACH5B Datasheet
227Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
SPI700ACH5B SPI-SPI700ACH5B Datasheet
296Kb / 1P
   700 Watts EPS12V & ATX12V Switching Power Supply
SPM1200AXJ8 SPI-SPM1200AXJ8 Datasheet
754Kb / 3P
   1200 Watts ATX12V& EPS12V Switching Power Supply
SPI600GLN SPI-SPI600GLN Datasheet
79Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
SPI600ACHBB SPI-SPI600ACHBB Datasheet
228Kb / 1P
   600 Watts EPS12V & ATX12V Switching Power Supply
R-SPI700GHN SPI-R-SPI700GHN Datasheet
526Kb / 1P
   700 Watts EPS12V & ATX12V Switching Power Supply
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com