전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT4052E 데이터시트(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT4052E
상세설명  High Speed CMOS Logic Analog Multiplexers/Demultiplexers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT4052E 데이터시트(HTML) 9 Page - Texas Instruments

Back Button CD74HCT4052E Datasheet HTML 5Page - Texas Instruments CD74HCT4052E Datasheet HTML 6Page - Texas Instruments CD74HCT4052E Datasheet HTML 7Page - Texas Instruments CD74HCT4052E Datasheet HTML 8Page - Texas Instruments CD74HCT4052E Datasheet HTML 9Page - Texas Instruments CD74HCT4052E Datasheet HTML 10Page - Texas Instruments CD74HCT4052E Datasheet HTML 11Page - Texas Instruments CD74HCT4052E Datasheet HTML 12Page - Texas Instruments CD74HCT4052E Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
9
Switching Specifications VCC = 5V, TA = 25oC, Input tr, tr = 6ns
PARAMETER
CL
(pF)
TYPICAL
UNITS
4051
4052
4053
HC
HCT
HC
HCT
HC
HCT
Propagation Delay
Switch IN to OUT, tPHL, tPLH
15
444444
ns
Switch Turn-Off (S or E), tPHZ, tPLZ
15
19
19
21
21
18
18
ns
Switch Turn-On (S or E), tPZH, tPZL
15
19
23
27
29
18
20
ns
Power Dissipation Capacitance, CPD (Note 6)
-
50
52
74
76
38
42
pF
NOTE:
6. CPD is used to determine the dynamic power consumption, per package.
PD = CPD VCC
2 f
I + ∑ (CL + CS) VCC
2 f
O
fO = output frequency
fI = input frequency
CL = output load capacitance
CS = switch capacitance
VCC = supply voltage
Switching Specifications CL = 50pF, Input tr, tr = 6ns
PARAMETER
VEE
(V)
VCC
(V)
AMBIENT TEMPERATURE, TA
UNITS
25oC
-40oC - 85oC
-55oC - 125oC
HC
HCT
HC
HCT
HC
HCT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
Propagation Delay, Switch
In to Out, tPLH, tPHL
0
2
-
60
---
75
---
90
--
ns
0
4.5
-
12
-
12
-
15
-
15
-
18
-
18
ns
0
6
-
10
---
13
---
15
--
ns
-4.5
4.5
-
8
-
8
-
10
-
10
-
12
-
12
ns
Maximum Switch
Turn “Off” Delay
from S or E to
Switch Output
tPHZ, tPLZ
4051
0
2
-
225
-
-
-
280
-
-
-
340
-
-
ns
0
4.5
-
45
-
45
-
56
-
56
-
68
-
68
ns
0
6
-
38
---
48
---
57
--
ns
-4.5
4.5
-
32
-
32
-
40
-
40
-
48
-
48
ns
4052
0
2
-
250
-
-
-
315
-
-
-
375
-
-
ns
0
4.5
-
50
-
50
-
63
-
63
-
75
-
75
ns
0
6
-
43
---
54
---
65
--
ns
-4.5
4.5
-
38
-
38
-
48
-
48
-
57
-
57
ns
4053
0
2
-
210
-
-
-
265
-
-
-
315
-
-
ns
0
4.5
-
42
-
44
-
53
-
55
-
63
-
66
ns
0
6
-
36
---
45
---
54
--
ns
-4.5
4.5
-
29
-
31
-
36
-
39
-
44
-
47
ns
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053
’HC4051, ’HCT4051, ’HC4052, CD74HCT4052, ’HC4053, CD74HCT4053


유사한 부품 번호 - CD74HCT4052E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT4052E TI-CD74HCT4052E Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HCT4052E TI-CD74HCT4052E Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HCT4052E TI-CD74HCT4052E Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HCT4052E TI-CD74HCT4052E Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD74HCT4052E TI-CD74HCT4052E Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
More results

유사한 설명 - CD74HCT4052E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC4051 TI-CD54HC4051_10 Datasheet
784Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_07 Datasheet
521Kb / 30P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC405 TI-CD54HC405 Datasheet
465Kb / 26P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI-CD54HC4051_04 Datasheet
643Kb / 29P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051_101 TI-CD54HC4051_101 Datasheet
780Kb / 31P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers
CD54HC4051 TI1-CD54HC4051_15 Datasheet
1Mb / 45P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers and Demultiplexers
CD54HC4351 TI-CD54HC4351_07 Datasheet
473Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD74HC4351 TI-CD74HC4351 Datasheet
96Kb / 15P
[Old version datasheet]   High Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351 Datasheet
319Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
CD54HC4351 TI-CD54HC4351_08 Datasheet
503Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic Analog Multiplexers/Demultiplexers with Latch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com