전자부품 데이터시트 검색엔진 |
|
CD74HC158 데이터시트(PDF) 7 Page - Texas Instruments |
|
CD74HC158 데이터시트(HTML) 7 Page - Texas Instruments |
7 / 8 page 7 Test Circuits and Waveforms FIGURE 1. HC AND HCU TRANSITION TIMES AND PROPAGA- TION DELAY TIMES, COMBINATION LOGIC FIGURE 2. HCT TRANSITION TIMES AND PROPAGATION DELAY TIMES, COMBINATION LOGIC tPHL tPLH tTHL tTLH 90% 50% 10% 50% 10% INVERTING OUTPUT INPUT GND VCC tr = 6ns tf = 6ns 90% tPHL tPLH tTHL tTLH 2.7V 1.3V 0.3V 1.3V 10% INVERTING OUTPUT INPUT GND 3V tr = 6ns tf = 6ns 90% |
유사한 부품 번호 - CD74HC158 |
|
유사한 설명 - CD74HC158 |