전자부품 데이터시트 검색엔진 |
|
2SA1645 데이터시트(PDF) 1 Page - Savantic, Inc. |
|
2SA1645 데이터시트(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon PNP Power Transistors 2SA1645 DESCRIPTION ·With TO-220 package ·Fast switching speed ·Low collector saturation voltage APPLICATIONS ·For use in switching power supplies,DC-DC converters,motor drivers,solenoid drivers, and other low-voltage power supply devices, as well as for high current switching PINNING PIN DESCRIPTION 1 Emitter 2 Collector;connected to mounting base 3 Base Absolute maximum ratings(Ta=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter -150 V VCEO Collector-emitter voltage Open base -100 V VEBO Emitter-base voltage Open collector -7 V IC Collector current -7 A ICM Collector current-peak PW0300µs, duty cycle010% -14 A IB Base current -3.5 A Ta=25 1.5 PT Total power dissipation TC=25 35 W Tj Junction temperature 150 Tstg Storage temperature -55~150 Fig.1 simplified outline (TO-220) and symbol |
유사한 부품 번호 - 2SA1645 |
|
유사한 설명 - 2SA1645 |