전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HC221E 데이터시트(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HC221E
상세설명  High Speed CMOS Logic Dual Monostable Multivibrator with Reset
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HC221E 데이터시트(HTML) 10 Page - Texas Instruments

Back Button CD74HC221E Datasheet HTML 3Page - Texas Instruments CD74HC221E Datasheet HTML 4Page - Texas Instruments CD74HC221E Datasheet HTML 5Page - Texas Instruments CD74HC221E Datasheet HTML 6Page - Texas Instruments CD74HC221E Datasheet HTML 7Page - Texas Instruments CD74HC221E Datasheet HTML 8Page - Texas Instruments CD74HC221E Datasheet HTML 9Page - Texas Instruments CD74HC221E Datasheet HTML 10Page - Texas Instruments CD74HC221E Datasheet HTML 11Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FIGURE 9. HC221 OUTPUT PULSE WIDTH vs CX
Typical Performance Curves (Continued)
FIGURE 5. HC/HCT221 OUTPUT PULSE WIDTH vs
TEMPERATURE
FIGURE 6. HC/HCT221 K FACTOR vs SUPPLY VOLTAGE
685
680
675
670
665
-75
-50
-25
0
25
50
75
100
125
150
175
TA, AMBIENT TEMPERATURE (
oC)
CX = 1µF
RX = 10K
VCC = 5V
0.9
0.8
0.7
0.6
02468
10
VCC, SUPPLY VOLTAGE (V)
RX = 10K
TA = 25
oC
HCT
106
105
104
103
102
10
1
0.1
10
102
103
104
105
106
107
108
CX, TIMING CAPACITANCE (pF)
RX = 100K
RX = 50K
RX = 10K
RX = 2K
VCC = 6V


유사한 부품 번호 - CD74HC221E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC221E TI-CD74HC221E Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221E TI-CD74HC221E Datasheet
450Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221E TI-CD74HC221E Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD74HC221E TI1-CD74HC221E Datasheet
783Kb / 23P
[Old version datasheet]   High-Speed CMOS Logic
CD74HC221EE4 TI-CD74HC221EE4 Datasheet
450Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
More results

유사한 설명 - CD74HC221E

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD54HC221 TI-CD54HC221 Datasheet
379Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI-CD54HC221_07 Datasheet
450Kb / 22P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HC221 TI-CD54HC221_08 Datasheet
665Kb / 21P
[Old version datasheet]   High-Speed CMOS Logic Dual Monostable Multivibrator with Reset
CD54HCT4538 TI-CD54HCT4538 Datasheet
382Kb / 18P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538 Datasheet
64Kb / 11P
[Old version datasheet]   High Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD54HC4538 TI-CD54HC4538_07 Datasheet
526Kb / 20P
[Old version datasheet]   High-Speed CMOS Logic Dual Retriggerable Precision Monostable Multivibrator
CD74HC4538-Q1 TI1-CD74HC4538-Q1 Datasheet
341Kb / 16P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC DUAL RETRIGGERABLE PRECISION MONOSTABLE MULTIVIBRATOR
logo
NXP Semiconductors
74LV123 NXP-74LV123 Datasheet
134Kb / 23P
   Dual retriggerable monostable multivibrator with reset
Rev. 05-8 November 2007
74AHC123A PHILIPS-74AHC123A Datasheet
111Kb / 24P
   Dual retriggerable monostable multivibrator with reset
2000 Mar 15
74HC_HCT123 PHILIPS-74HC_HCT123_15 Datasheet
267Kb / 25P
   Dual retriggerable monostable multivibrator with reset
Rev. 9-19 January 2015
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com