전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP-003 데이터시트(PDF) 1 Page - Crane Aerospace & Electronics.

부품명 TMP-003
상세설명  TMP Thermal Pad Accessory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CRANE [Crane Aerospace & Electronics.]
홈페이지  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

TMP-003 데이터시트(HTML) 1 Page - Crane Aerospace & Electronics.

  TMP-003 Datasheet HTML 1Page - Crane Aerospace & Electronics. TMP-003 Datasheet HTML 2Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TMP Thermal Pad Accessory
Crane Aerospace & Electronics Power Solutions
Crane Aerospace & Electronics
Electronics Group (Interpoint Brand)
PO Box 97005 • Redmond WA 98073-9705
425.882.3100 • electronics@craneae.com
www.craneae.com
Page 1 of 2
Rev C - 20060508
MODEL
NUMBER
TMP-001
TMP-002
TMP-003
TMP-005
TMP-007
CONVERTER
SERIES
MFL, MFLHP, MHP,
MOR
MWR, MTR Triple,
MHV Triple,
MTO, MTW, MRH,
MHL, HR300
MTR Single and Dual,
MHV Single and Dual,
MHD, MHE, MLP
MPE, MHF+
MOR
TMP-007
TMP-001
TMP-003
TMP-002
TMP-005
DESCRIPTION
Our accessory Thermal Mounting Pads (TMP) provide a simple
and effective method of ensuring a low thermal resistance path
between a DC/DC converter and its mounting plane. When placed
between the converter and circuit board or heat sink, it will provide
electrical isolation, fill small surface irregularities, and produce a
0.20° C in2/W (129°C mm2/W) thermal resistance path.
MATERIAL
The Thermal Mounting Pads, made of silicon rubber and fiber-
glass, are thermally stable and non-flammable. They are non-toxic,
do not require grease and do not exhibit the cracking problems of
ceramic materials. The pads may temporarily react to some
cleaning agents (notably chlorinated hydrocarbons) by swelling,
but are not damaged after the solvent is removed. They will
tolerate soldering process temperatures.
MOUNTING
For maximum thermal conduction from the converter through the
thermal pad to the thermal plane, a mounting pressure of 300-600
lbs/in2 is recommended. To achieve this level of mounting pres-
sure, we recommend using our flanged models. The formula to
calculate the recommended pressure is P=(T*N)/(0.2*D*A); where
P=pressure in PSI, T=torque, N=number of fasteners, D=fastener
diameter (in inches), A=contact surface area (in square inches).
FEATURES
• –60° to +180°C temperature rating
• Provides thermal transfer for
Interpoint converters
• 0.2°C in2/W (129°C mm2/W) thermal
resistance
• 4000 Vac breakdown voltage typical
For details, refer to Figures 1 through 5 on the following page.


유사한 부품 번호 - TMP-003

제조업체부품명데이터시트상세설명
logo
TRACO Electronic AG
TMP-07 TRACOPOWER-TMP-07 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMP-07103 TRACOPOWER-TMP-07103 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMP-07105 TRACOPOWER-TMP-07105 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMP-07112 TRACOPOWER-TMP-07112 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMP-07115 TRACOPOWER-TMP-07115 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
More results

유사한 설명 - TMP-003

제조업체부품명데이터시트상세설명
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
   THERMAL PAD
08/05/2022
logo
T-Global Technology
TG-A373F TGLOBAL-TG-A373F Datasheet
404Kb / 1P
   Thermal Pad
20230721
TG-A373L TGLOBAL-TG-A373L Datasheet
379Kb / 1P
   Thermal Pad
20230721
TG-A375S TGLOBAL-TG-A375S Datasheet
411Kb / 1P
   Thermal Pad
20230721
TG-A486G TGLOBAL-TG-A486G Datasheet
364Kb / 1P
   Thermal Pad
20230721
GT10D TGLOBAL-GT10D Datasheet
233Kb / 1P
   Thermal Pad
Version18 20220801
TG-A373S TGLOBAL-TG-A373S Datasheet
398Kb / 1P
   Thermal Pad
20230712
TG-AL373 TGLOBAL-TG-AL373 Datasheet
367Kb / 1P
   Thermal Pad
20230721
logo
CUI INC
SF100 CUI-SF100 Datasheet
241Kb / 2P
   THERMAL PAD
logo
T-Global Technology
TG-AL375 TGLOBAL-TG-AL375 Datasheet
422Kb / 1P
   Thermal Pad
20230721
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com