전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

TMP-003 데이터시트(PDF) 2 Page - Crane Aerospace & Electronics.

부품명 TMP-003
상세설명  TMP Thermal Pad Accessory
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  CRANE [Crane Aerospace & Electronics.]
홈페이지  http://www.craneae.com
Logo CRANE - Crane Aerospace & Electronics.

TMP-003 데이터시트(HTML) 2 Page - Crane Aerospace & Electronics.

  TMP-003 Datasheet HTML 1Page - Crane Aerospace & Electronics. TMP-003 Datasheet HTML 2Page - Crane Aerospace & Electronics.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
TMP Thermal Pad Accessory
Crane Aerospace & Electronics Power Solutions
TMP Thermal Pad Accessory Rev C - 20060508. This revision supercedes all previous releases. All technical information is believed to be accurate, but no respon-
sibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. TMP Series is a trademark of
Interpoint. Copyright © 1999 - 2006 Interpoint Corporation. All rights reserved. www.craneae.com
Page 2 of 2
TMP-001
3.020 x 1.520 inches, nominal
(76.71 x 38.61 mm)
MFL, MFLHP, MHP, MOR Series Converters
Case U
FIGURE 1: TMP-001
TMP-003
2.860 x 1.144 inches nominal
(72.64 x 29.06 mm)
MTR Single and Dual, MHV Single and Dual,
MHD, MHE, and MLP Series Converters
All K cases, see Section B8
FIGURE 4: TMP-003
TMP-002
2.720 x 1.366 inches nominal
(69.09 x 34.70 mm)
MTR Triple, MHV Triple,
MTO, MTW, MRH, MHL, MWR
and HR300 Series Converters
All J cases, see Section B8
FIGURE 2: TMP-002
TMP-007
2.665 x 2.020 inches nominal
(67.69 x 51.31 mm)
MOR Series Converters,
FME Series Filters
Cases W, Y & Z
FIGURE 3: TMP-007
TMP-005
2.000 x 1.130 inches nominal
(50.80 x 28.70 mm)
MHF+ and MPE Series Converters
All G cases, see Section B8
FIGURE 5: TMP-005
CHARACTERISTIC
Color
Thermal Resistance, °C in2/W
Dielectric Constant
Continuous Use Temperature °C
Thermal Conductivity (W/meter – °K)
Thickness
Breakdown Voltage (per ASTM D149)
TYPICAL VALUE
Unless otherwise noted
Green
0.20 (129°C mm2/W)
4.00
–60 to +1801
2.00
0.010 ±0.001 inches (0.25 ±0.025 mm)
4000 min. Vac (400 Vac per mil)
Notes:
1. Converter or filter being used with thermal pad must not exceed its maximum case temperature.


유사한 부품 번호 - TMP-003

제조업체부품명데이터시트상세설명
logo
TRACO Electronic AG
TMP-07 TRACOPOWER-TMP-07 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMP-07103 TRACOPOWER-TMP-07103 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMP-07105 TRACOPOWER-TMP-07105 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMP-07112 TRACOPOWER-TMP-07112 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
TMP-07115 TRACOPOWER-TMP-07115 Datasheet
1Mb / 9P
   TMP & TMPM Series, 4 to 60 Watt
Rev. March 21, 2023
More results

유사한 설명 - TMP-003

제조업체부품명데이터시트상세설명
logo
CUI Devices
SF100 CUID-SF100 Datasheet
234Kb / 2P
   THERMAL PAD
08/05/2022
logo
T-Global Technology
TG-A373F TGLOBAL-TG-A373F Datasheet
404Kb / 1P
   Thermal Pad
20230721
TG-A373L TGLOBAL-TG-A373L Datasheet
379Kb / 1P
   Thermal Pad
20230721
TG-A375S TGLOBAL-TG-A375S Datasheet
411Kb / 1P
   Thermal Pad
20230721
TG-A486G TGLOBAL-TG-A486G Datasheet
364Kb / 1P
   Thermal Pad
20230721
GT10D TGLOBAL-GT10D Datasheet
233Kb / 1P
   Thermal Pad
Version18 20220801
TG-A373S TGLOBAL-TG-A373S Datasheet
398Kb / 1P
   Thermal Pad
20230712
TG-AL373 TGLOBAL-TG-AL373 Datasheet
367Kb / 1P
   Thermal Pad
20230721
logo
CUI INC
SF100 CUI-SF100 Datasheet
241Kb / 2P
   THERMAL PAD
logo
T-Global Technology
TG-AL375 TGLOBAL-TG-AL375 Datasheet
422Kb / 1P
   Thermal Pad
20230721
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com