전자부품 데이터시트 검색엔진 |
|
TMP-007 데이터시트(PDF) 2 Page - Crane Aerospace & Electronics. |
|
TMP-007 데이터시트(HTML) 2 Page - Crane Aerospace & Electronics. |
2 / 2 page TMP Thermal Pad Accessory Crane Aerospace & Electronics Power Solutions TMP Thermal Pad Accessory Rev C - 20060508. This revision supercedes all previous releases. All technical information is believed to be accurate, but no respon- sibility is assumed for errors or omissions. Interpoint reserves the right to make changes in products or specifications without notice. TMP Series is a trademark of Interpoint. Copyright © 1999 - 2006 Interpoint Corporation. All rights reserved. www.craneae.com Page 2 of 2 TMP-001 3.020 x 1.520 inches, nominal (76.71 x 38.61 mm) MFL, MFLHP, MHP, MOR Series Converters Case U FIGURE 1: TMP-001 TMP-003 2.860 x 1.144 inches nominal (72.64 x 29.06 mm) MTR Single and Dual, MHV Single and Dual, MHD, MHE, and MLP Series Converters All K cases, see Section B8 FIGURE 4: TMP-003 TMP-002 2.720 x 1.366 inches nominal (69.09 x 34.70 mm) MTR Triple, MHV Triple, MTO, MTW, MRH, MHL, MWR and HR300 Series Converters All J cases, see Section B8 FIGURE 2: TMP-002 TMP-007 2.665 x 2.020 inches nominal (67.69 x 51.31 mm) MOR Series Converters, FME Series Filters Cases W, Y & Z FIGURE 3: TMP-007 TMP-005 2.000 x 1.130 inches nominal (50.80 x 28.70 mm) MHF+ and MPE Series Converters All G cases, see Section B8 FIGURE 5: TMP-005 CHARACTERISTIC Color Thermal Resistance, °C in2/W Dielectric Constant Continuous Use Temperature °C Thermal Conductivity (W/meter – °K) Thickness Breakdown Voltage (per ASTM D149) TYPICAL VALUE Unless otherwise noted Green 0.20 (129°C mm2/W) 4.00 –60 to +1801 2.00 0.010 ±0.001 inches (0.25 ±0.025 mm) 4000 min. Vac (400 Vac per mil) Notes: 1. Converter or filter being used with thermal pad must not exceed its maximum case temperature. |
유사한 부품 번호 - TMP-007 |
|
유사한 설명 - TMP-007 |
|
|
링크 URL |
개인정보취급방침 |
ALLDATASHEET.CO.KR |
ALLDATASHEET 가 귀하에 도움이 되셨나요? [ DONATE ] |
Alldatasheet는? | 광고문의 | 운영자에게 연락하기 | 개인정보취급방침 | 링크교환 | 제조사별 검색 All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |