전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CD74HCT7046AM96 데이터시트(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
부품명 CD74HCT7046AM96
상세설명  Phase-Locked Loop with VCO and Lock Detector
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CD74HCT7046AM96 데이터시트(HTML) 8 Page - Texas Instruments

Back Button CD74HCT7046AM96 Datasheet HTML 4Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 5Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 6Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 7Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 8Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 9Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 10Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 11Page - Texas Instruments CD74HCT7046AM96 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 26 page
background image
8
INH VCOIN Input
Leakage Current
II
VCC or
GND
-6
-
-
±0.1
-
±1-
±1
µA
R1 Range (Note 2)
-
-
-
4.5
3
-
-
-
-
-
-
k
R2 Range (Note 2)
-
-
-
4.5
3
-
-
-
-
-
-
k
C1 Capacitance
Range
--
-
3
-
-
No
Limit
--
-
-
pF
4.5
40
-
-
-
-
-
pF
6-
-
-
-
-
-
pF
VCOIN Operating
Voltage Range
-
Over the range
specified for R1 for
Linearity See Figure
8, and 35 - 38
(Note 3)
3
1.1
-
1.9
-
-
-
-
V
4.5
1.1
-
3.2
-
-
-
-
V
6
1.1
-
4.6
-
-
-
-
V
PHASE COMPARATOR SECTION
SIGIN, COMPIN
DC Coupled
High-Level Input
Voltage
VIH
-
-
2
1.5
-
-
1.5
-
1.5
-
V
4.5
3.15
-
-
3.15
-
3.15
-
V
6
4.2
-
-
4.2
-
4.2
-
V
SIGIN, COMPIN
DC Coupled
Low-Level Input
Voltage
VIL
-
-
2
-
-
0.5
-
0.5
-
0.5
V
4.5
-
-
1.35
-
1.35
-
1.35
V
6
-
-
1.8
-
1.8
-
1.8
V
LD, PCnOUT High-
Level Output Voltage
CMOS Loads
VOH
VIL or VIH
-0.02
2
1.9
-
-
1.9
-
1.9
-
V
4.5
4.4
-
-
4.4
-
4.4
-
V
6
5.9
-
-
5.9
-
5.9
-
V
LD, PCnOUT High-
Level Output Voltage
TTL Loads
VOH
VIL or VIH
-4
4.5
3.98
-
-
3.84
-
3.7
-
V
-5.2
6
5.48
-
-
5.34
-
5.2
-
V
LD, PCnOUT Low-
Level Output Voltage
CMOS Loads
VOL
VIL or VIH
0.02
2
-
-
0.1
-
0.1
-
0.1
V
4.5
-
-
0.1
-
0.1
-
0.1
V
6
-
-
0.1
-
0.1
-
0.1
V
LD, PCnOUT Low-
Level Output Voltage
TTL Loads
VOL
VIL or VIH
4
4.5
-
-
0.26
-
0.33
-
0.4
V
5.2
6
-
-
0.26
-
0.33
-
0.4
V
SIGIN, COMPIN Input
Leakage Current
II
VCC or
GND
-2
-
-
±3-
±4-
±5
µA
3-
-
±7-
±9-
±11
µA
4.5
-
-
±18
-
±23
-
±29
µA
6-
-
±30
-
±38
-
±45
µA
PC2OUT Three-State
Off-State Current
IOZ
VIL or VIH
-6
-
-
±0.5
-
±5-
±10
µA
SIGIN, COMPIN Input
Resistance
RI
VI at Self-Bias
Operation Point:
∆VI = 0.5V,
See Figure 8
3
-
800
-
-
-
-
-
k
4.5
-
250
-
-
-
-
-
k
6
-
150
-
-
-
-
-
k
DEMODULATOR SECTION
Resistor Range
RS
at RS > 300kΩ
Leakage Current
Can Influence
VDEMOUT
3
10
-
300
-
-
-
-
k
4.5
10
-
300
-
-
-
-
k
6
10
-
300
-
-
-
-
k
DC Electrical Specifications (Continued)
PARAMETER
SYMBOL
TEST
CONDITIONS
VCC
(V)
25oC
-40oC TO 85oC -55oC TO 125oC
UNITS
VI (V)
IO (mA)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
CD74HC7046A, CD74HCT7046A


유사한 부품 번호 - CD74HCT7046AM96

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HCT7046AM96 TI-CD74HCT7046AM96 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HCT7046AM96 TI-CD74HCT7046AM96 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HCT7046AM96E4 TI-CD74HCT7046AM96E4 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HCT7046AM96G4 TI-CD74HCT7046AM96G4 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
More results

유사한 설명 - CD74HCT7046AM96

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CD74HC7046A TI-CD74HC7046A_07 Datasheet
446Kb / 28P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
CD74HC7046A TI-CD74HC7046A_08 Datasheet
586Kb / 29P
[Old version datasheet]   Phase-Locked Loop with VCO and Lock Detector
logo
Unisonic Technologies
U74HCT7046 UTC-U74HCT7046 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
U74HCT7046 UTC-U74HCT7046_15 Datasheet
408Kb / 16P
   PHASE LOCKED LOOP WITH VCO & LOCK DETECTOR
logo
NXP Semiconductors
74HC7046A PHILIPS-74HC7046A Datasheet
490Kb / 38P
   Phase-locked-loop with lock detector
December 1990
74HC7046AN NXP-74HC7046AN Datasheet
453Kb / 38P
   Phase-locked-loop with lock detector
December 1990
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
U74HC4046A UTC-U74HC4046A_15 Datasheet
558Kb / 19P
   PHASE LOCKED LOOP WITH VCO
logo
Nexperia B.V. All right...
74HC4046A-Q100 NEXPERIA-74HC4046A-Q100 Datasheet
598Kb / 32P
   Phase-locked loop with VCO
Rev. 1 - 27 November 2019
logo
Unisonic Technologies
U74HC4046A UTC-U74HC4046A_18 Datasheet
610Kb / 19P
   PHASE LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com