전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CDCR61APW 데이터시트(PDF) 5 Page - Texas Instruments

Click here to check the latest version.
부품명 CDCR61APW
상세설명  DIRECT RAMBUSE CLOCK GENERATOR- LITE
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

CDCR61APW 데이터시트(HTML) 5 Page - Texas Instruments

  CDCR61APW Datasheet HTML 1Page - Texas Instruments CDCR61APW Datasheet HTML 2Page - Texas Instruments CDCR61APW Datasheet HTML 3Page - Texas Instruments CDCR61APW Datasheet HTML 4Page - Texas Instruments CDCR61APW Datasheet HTML 5Page - Texas Instruments CDCR61APW Datasheet HTML 6Page - Texas Instruments CDCR61APW Datasheet HTML 7Page - Texas Instruments CDCR61APW Datasheet HTML 8Page - Texas Instruments CDCR61APW Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
CDCR61A
DIRECT RAMBUS
™ CLOCK GENERATOR – LITE
SCAS626 – FEBRUARY 2000
5
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted) (continued)
PARAMETER
TEST CONDITIONS†
MIN
TYP‡
MAX
UNIT
IDD
Static supply current
Outputs high or low (VDDP = 0 V)
6.5
mA
IDDL
Static supply current (LVCMOS)
Outputs high or low (VDDP = 0 V)
50
µA
IDD(NORMAL)
Supply current in normal state
300 MHz
39
mA
IDD(NORMAL)
Supply current in normal state
400 MHz
50
mA
IDDL(NORMAL)
Supply current in normal state
(LVCMOS)
400 MHz
8
mA
† VDD refers to any of the following; VDD, VDDL, and VDDP
‡ All typical values are at VDD = 3.3 V, VDDL = 1.8 V, TA = 25°C.
switching characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
UNIT
t(cycle)
Clock cycle time (CLK, CLKB)
2.5
3.7
ns
t j
Total jitter over 1, 2, 3, 4, 5, or 6
300 MHz
See Figure 3
140
ps
tcj
j
,,,,,
clock cycles‡
400 MHz
See Figure 3
100
ps
tjL
Long term jitter
300 MHz
See Figure 4
400
ps
tjL
Long-term jitter
400 MHz
See Figure 4
300
ps
tDC
Output duty cycle over 10,000 cycles
See Figure 5
45%
55%
tDC ERR
Output cycle to cycle duty cycle error
300 MHz
See Figure 6
70
ps
tDC,ERR
Output cycle-to-cycle duty cycle error
400 MHz
See Figure 6
55
ps
tr, tf
Output rise and fall times (measured
at 20%-80% of output voltage)#
CLK, CLKB
See Figure 9,
160
400
ps
∆t
Difference between rise and fall times on a single
device (20%–80%) |tf – tr|#
See Figure 9,
100
ps
tc(LCLK)
Clock cycle time (LCLK)
106.6
142.2
ns
t(cj)
LCLK cycle jitter§
See Figure 11
–0.2
0.2
ns
t(cj10)
LCLK 10-cycle jitter§¶
See Figure 11
–1.3 t(cj)
1.3 t(cj)
ns
tDC
Output duty cycle
LCLK
40%
60%
tr, tf
Output rise and fall times (measured
at 20%-80% of output voltage)
LCLK
See Figure 9
1
ns
PLL loop bandwidth
fmod = 50 kHz
–3
dB
PLL loop bandwidth
fmod = 8 MHz
–20
dB
† All typical values are at VDD = 3.3 V, TA = 25°C.
‡ Output short-term jitter specification is peak-to-peak (see Figure 9).
§ LCLK cycle jitter and 10-cycle jitter are defined as the difference between the measured period and the nominal period.
¶ LCLK 10-cycle jitter specification is based on the measured value of LCLK cycle jitter.
# VDD= 3.3 V


유사한 부품 번호 - CDCR61APW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCR61APW TI1-CDCR61APW Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR61APWG4 TI1-CDCR61APWG4 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR61APWR TI1-CDCR61APWR Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR61APWRG4 TI1-CDCR61APWRG4 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
More results

유사한 설명 - CDCR61APW

제조업체부품명데이터시트상세설명
logo
Texas Instruments
CDCR61A TI1-CDCR61A_15 Datasheet
549Kb / 15P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR ??LITE
CDCR81 TI-CDCR81 Datasheet
182Kb / 13P
[Old version datasheet]   DIRECT RAMBUSE CLOCK GENERATOR
logo
Cypress Semiconductor
CY2212 CYPRESS-CY2212 Datasheet
200Kb / 10P
   Direct Rambus??Clock Generator (Lite)
logo
Integrated Circuit Syst...
ICS9219 ICST-ICS9219 Datasheet
80Kb / 8P
   Direct Rambus Clock Generator Lite
logo
Cypress Semiconductor
CY22313 CYPRESS-CY22313 Datasheet
159Kb / 9P
   Two-PLL Clock Generator with Direct Rambus-TM (Lite) Support
W134M CYPRESS-W134M_05 Datasheet
207Kb / 12P
   Direct Rambus??Clock Generator
logo
Texas Instruments
CDCFR83 TI1-CDCFR83_08 Datasheet
479Kb / 15P
[Old version datasheet]   Direct Rambus Clock generator
CDCR83A TI1-CDCR83A_14 Datasheet
564Kb / 17P
[Old version datasheet]   DIRECT RAMBUS??CLOCK GENERATOR
logo
Integrated Circuit Syst...
ICS9212-13 ICST-ICS9212-13 Datasheet
161Kb / 7P
   Direct Rambus??Clock Generator
logo
Cypress Semiconductor
W134S CYPRESS-W134S Datasheet
198Kb / 12P
   Direct Rambus Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com