전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

2SC3466 데이터시트(PDF) 2 Page - Savantic, Inc.

부품명 2SC3466
상세설명  Silicon NPN Power Transistors
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  SAVANTIC [Savantic, Inc.]
홈페이지  http://www.svntc.com
Logo SAVANTIC - Savantic, Inc.

2SC3466 데이터시트(HTML) 2 Page - Savantic, Inc.

  2SC3466 Datasheet HTML 1Page - Savantic, Inc. 2SC3466 Datasheet HTML 2Page - Savantic, Inc. 2SC3466 Datasheet HTML 3Page - Savantic, Inc. 2SC3466 Datasheet HTML 4Page - Savantic, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SavantIC Semiconductor
Product Specification
2
Silicon NPN Power Transistors
2SC3466
CHARACTERISTICS
Tj=25
unless otherwise specified
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP.
MAX
UNIT
V(BR)CEO
Collector-emitter breakdown voltage
IC=5mA ;RBE=;
650
V
V(BR)CBO
Collector-base breakdown voltage
IC=1mA ;IE=0
1200
V
V(BR)EBO
Emitter-base breakdown voltage
IE=1mA ;IC=0
7
V
VCEsat
Collector-emitter saturation voltage
IC=4A; IB=0.8A
3.0
V
VBEsat
Base-emitter saturation voltage
IC=4A ;IB=0.8A
1.5
V
ICBO
Collector cut-off current
VCB=650V; IE=0
100
µA
IEBO
Emitter cut-off current
VEB=5V; IC=0
100
µA
hFE-1
DC current gain
IC=1A ; VCE=5V
10
40
hFE-2
DC current gain
IC=4A ; VCE=5V
6
Cob
Output capacitance
IE=0 ; VCB=10V;f=1MHz
120
pF
fT
Transition frequency
IC=1A ; VCE=10V
5
MHz
Switching times
ton
Turn-on time
1.0
µs
tstg
Storage time
4.0
µs
tf
Fall time
IC=4A;RL=50B
IB1=0.8A; IB2=-1.6A
VCC=200V
0.7
µs
hFE-1 Classifications
K
L
M
10-20
15-30
20-40


유사한 부품 번호 - 2SC3466

제조업체부품명데이터시트상세설명
logo
Sanyo Semicon Device
2SC3466 SANYO-2SC3466 Datasheet
100Kb / 3P
   Switching Regulator Applications
logo
Quanzhou Jinmei Electro...
2SC3466 JMNIC-2SC3466 Datasheet
243Kb / 4P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
2SC3466 ISC-2SC3466 Datasheet
212Kb / 4P
   Silicon NPN Power Transistors
logo
Savantic, Inc.
2SC3466 SAVANTIC-2SC3466 Datasheet
227Kb / 4P
   Silicon NPN Power Transistors
logo
Quanzhou Jinmei Electro...
2SC3466 JMNIC-2SC3466_15 Datasheet
243Kb / 4P
   Silicon NPN Power Transistors
More results

유사한 설명 - 2SC3466

제조업체부품명데이터시트상세설명
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com