전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

74FCT2373CTSOCTG4 데이터시트(PDF) 4 Page - Texas Instruments

부품명 74FCT2373CTSOCTG4
상세설명  8-Bit Latches
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

74FCT2373CTSOCTG4 데이터시트(HTML) 4 Page - Texas Instruments

  74FCT2373CTSOCTG4 Datasheet HTML 1Page - Texas Instruments 74FCT2373CTSOCTG4 Datasheet HTML 2Page - Texas Instruments 74FCT2373CTSOCTG4 Datasheet HTML 3Page - Texas Instruments 74FCT2373CTSOCTG4 Datasheet HTML 4Page - Texas Instruments 74FCT2373CTSOCTG4 Datasheet HTML 5Page - Texas Instruments 74FCT2373CTSOCTG4 Datasheet HTML 6Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
CY74FCT2373T
CY74FCT2573T
4
Switching Characteristics Over the Operating Range[12]
Document #: 38–00338–B
Parameter
Description
CY74FCT2373T
CY74FCT2573T
CY74FCT2373AT
CY74FCT2573AT
CY74FCT2373CT
CY74FCT2573CT
Unit
Fig.
No.[13]
Min.
Max.
Min.
Max.
Min.
Max.
tPLH
tPHL
Propagation Delay D to O
1.5
8.0
1.5
5.2
1.5
4.2
ns
1, 3
tPLH
tPHL
Propagation Delay LE to O
2.0
13.0
2.0
8.5
2.0
5.5
ns
1, 5
tPZH
tPZL
Output Enable Time
1.5
11.0
1.5
6.5
1.5
5.5
ns
1, 7, 8
tPHZ
tPLZ
Output Disable Time
1.5
7.0
1.5
5.5
1.5
5.0
ns
1, 7, 8
tS
Set-Up Time, HIGH to LOW
D to LE
2.0
2.0
2.0
ns
9
tH
Hold Time, HIGH to LOW
D to LE
1.5
1.5
1.5
ns
9
tW
LE Pulse Width HIGH
6.0
5.0
5.0
ns
5
12. Minimum limits are specified but not tested on Propagation Delays.
13. See “Parameter Measurement Information” in the General Information section.
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.2
CY74FCT2373CTQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT2373CTSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
5.2
CY74FCT2373ATQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT2373ATSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
8.0
CY74FCT2373TQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
Ordering Information
Speed
(ns)
Ordering Code
Package
Name
Package Type
Operating
Range
4.2
CY74FCT2573CTQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
CY74FCT2573CTSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
5.2
CY74FCT2573ATQCT
Q5
20-Lead (150-Mil) QSOP
Commercial
8.0
CY74FCT2573TSOC/SOCT
S5
20-Lead (300-Mil) Molded SOIC
Commercial


유사한 부품 번호 - 74FCT2373CTSOCTG4

제조업체부품명데이터시트상세설명
logo
Texas Instruments
74FCT2373CTSOCTG4 TI1-74FCT2373CTSOCTG4 Datasheet
858Kb / 15P
[Old version datasheet]   8-Bit Latches
More results

유사한 설명 - 74FCT2373CTSOCTG4

제조업체부품명데이터시트상세설명
logo
NEC
UPB8282 NEC-UPB8282 Datasheet
163Kb / 3P
   8-BIT LATCHES
logo
Texas Instruments
CY5474FCT373T TI-CY5474FCT373T Datasheet
81Kb / 8P
[Old version datasheet]   8-Bit Latches
CY74FCT2373T TI1-CY74FCT2373T_16 Datasheet
858Kb / 15P
[Old version datasheet]   8-Bit Latches
SN74100 TI-SN74100 Datasheet
127Kb / 3P
[Old version datasheet]   8-BIT BISTABLE LATCHES
logo
National Semiconductor ...
DM74259 NSC-DM74259 Datasheet
166Kb / 3P
   8-Bit Addressable Latches
logo
ON Semiconductor
MC14099B ONSEMI-MC14099B Datasheet
184Kb / 8P
   8-Bit Addressable Latches
March, 2000 ??Rev. 3
logo
Texas Instruments
SNJ54HC259 TI-SNJ54HC259 Datasheet
519Kb / 16P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54259 TI1-SN54259_10 Datasheet
375Kb / 7P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN54HC259 TI-SN54HC259 Datasheet
134Kb / 9P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
SN74HC4724 TI-SN74HC4724 Datasheet
126Kb / 5P
[Old version datasheet]   8-BIT ADDRESSABLE LATCHES
More results


Html Pages

1 2 3 4 5 6


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com