전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S20D70 데이터시트(PDF) 2 Page - Mospec Semiconductor

부품명 S20D70
상세설명  SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S20D70 데이터시트(HTML) 2 Page - Mospec Semiconductor

  S20D70 Datasheet HTML 1Page - Mospec Semiconductor S20D70 Datasheet HTML 2Page - Mospec Semiconductor S20D70 Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image


유사한 부품 번호 - S20D70

제조업체부품명데이터시트상세설명
logo
Thinki Semiconductor Co...
S20D100A THINKISEMI-S20D100A Datasheet
922Kb / 2P
   20.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
S20D150A THINKISEMI-S20D150A Datasheet
922Kb / 2P
   20.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
S20D200A THINKISEMI-S20D200A Datasheet
922Kb / 2P
   20.0 Amperes Heat Sink Dual Common Anode Schottky Half Bridge Rectifiers
logo
Mospec Semiconductor
S20D200C MOSPEC-S20D200C Datasheet
177Kb / 2P
   Schottky Barrier Rectifiers
S20D30 MOSPEC-S20D30 Datasheet
328Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
More results

유사한 설명 - S20D70

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
S20C70 MOSPEC-S20C70 Datasheet
248Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
S20S70 MOSPEC-S20S70 Datasheet
243Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,70-100V)
SR107 MOSPEC-SR107 Datasheet
214Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(1.0A,70-100V)
SR507 MOSPEC-SR507 Datasheet
231Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5.0A,70-100V)
S10C70 MOSPEC-S10C70 Datasheet
228Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,70-100V)
SR27 MOSPEC-SR27 Datasheet
226Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(2.0A,70-100V)
SR307 MOSPEC-SR307 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(3.0A,70-100V)
S05A70 MOSPEC-S05A70 Datasheet
232Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(5A,70-100V)
S10A70 MOSPEC-S10A70 Datasheet
223Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,70-100V)
S10S70 MOSPEC-S10S70 Datasheet
224Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,70-100V)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com