전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LF411D 데이터시트(PDF) 1 Page - Texas Instruments

부품명 LF411D
상세설명  JFET-INPUT OPERATIONAL AMPLIFIER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

LF411D 데이터시트(HTML) 1 Page - Texas Instruments

  LF411D Datasheet HTML 1Page - Texas Instruments LF411D Datasheet HTML 2Page - Texas Instruments LF411D Datasheet HTML 3Page - Texas Instruments LF411D Datasheet HTML 4Page - Texas Instruments LF411D Datasheet HTML 5Page - Texas Instruments LF411D Datasheet HTML 6Page - Texas Instruments LF411D Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
LF411
JFET-INPUT OPERATIONAL AMPLIFIER
SLOS011C – MARCH 1987 – REVISED OCTOBER 1997
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Low Input Bias Current, 50 pA Typ
D Low Input Noise Current, 0.01 pA/√Hz Typ
D Low Supply Current, 2 mA Typ
D High Input impedance, 1012 Ω Typ
D Low Total Harmonic Distortion
D Low 1/f Noise Corner, 50 Hz Typ
D Package Options Include Plastic
Small-Outline (D) and Standard (P) DIPs
description
This device is a low-cost, high-speed, JFET-input operational amplifier with very low input offset voltage and
a maximum input offset voltage drift. It requires low supply current, yet maintains a large gain-bandwidth product
and a fast slew rate. In addition, the matched high-voltage JFET input provides very low input bias and offset
currents.
The LF411 can be used in applications such as high-speed integrators, digital-to-analog converters,
sample-and-hold circuits, and many other circuits.
The LF411C is characterized for operation from 0
°C to 70°C. The LF411I is characterized for operation from
–40
°C to 85°C.
symbol
+
IN –
IN +
OUT
BAL1
BAL2
2
3
1
5
6
AVAILABLE OPTIONS
VIOmax
PACKAGE
TA
VIOmax
AT 25
°C
SMALL OUTLINE
(D)
PLASTIC DIP
(P)
0
°C to 70°C
2 mV
LF411CD
LF411CP
–40
°C to 85°C
2 mV
LF411ID
LF411IP
The D packages are available taped and reeled. Add the suffix R to the
device type (i.e., LF411CDR).
Copyright
© 1997, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
1
2
3
4
8
7
6
5
BAL1
IN –
IN +
VCC–
NC
VCC+
OUT
BAL2
D OR P PACKAGE
(TOP VIEW)
NC – No internal connection
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


유사한 부품 번호 - LF411D

제조업체부품명데이터시트상세설명
logo
National Semiconductor ...
LF411 NSC-LF411 Datasheet
456Kb / 12P
   Low Offset, Low Drift JFET Input Operational Amplifier
logo
Texas Instruments
LF411 TI1-LF411 Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF411-N TI-LF411-N Datasheet
874Kb / 16P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
LF411-N TI1-LF411-N Datasheet
942Kb / 21P
[Old version datasheet]   Low Offset, Low Drift JFET Input Operational Amplifier
LF411883 TI1-LF411883 Datasheet
551Kb / 15P
[Old version datasheet]   LF411 Low Offset, Low Drift JFET Input Operational Amplifier
More results

유사한 설명 - LF411D

제조업체부품명데이터시트상세설명
logo
Texas Instruments
TL070ACP TI1-TL070ACP Datasheet
311Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL080 TI-TL080_06 Datasheet
222Kb / 13P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL070 TI-TL070 Datasheet
238Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
OPA659 TI1-OPA659 Datasheet
1Mb / 35P
[Old version datasheet]   JFET-Input Operational Amplifier
TL070 TI-TL070_06 Datasheet
299Kb / 16P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
TL082-Q1 TI1-TL082-Q1 Datasheet
345Kb / 15P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
LF356-MIL TI1-LF356-MIL Datasheet
1Mb / 28P
[Old version datasheet]   JFET Input Operational Amplifier
LF411 TI1-LF411_14 Datasheet
395Kb / 11P
[Old version datasheet]   JFET-INPUT OPERATIONAL AMPLIFIER
logo
Wuxi Youda electronics ...
YD084 YOUDA-YD084 Datasheet
148Kb / 3P
   JFET INPUT QUAD OPERATIONAL AMPLIFIER
logo
Texas Instruments
TL092 TI-TL092_06 Datasheet
162Kb / 8P
[Old version datasheet]   DUAL JFET-INPUT OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com