전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAB-C 데이터시트(PDF) 3 Page - Gamewell-FCI by Honeywell

부품명 CAB-C
상세설명  MULTIPROCESSOR-BASED
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
홈페이지  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

CAB-C 데이터시트(HTML) 3 Page - Gamewell-FCI by Honeywell

  CAB-C Datasheet HTML 1Page - Gamewell-FCI by Honeywell CAB-C Datasheet HTML 2Page - Gamewell-FCI by Honeywell CAB-C Datasheet HTML 3Page - Gamewell-FCI by Honeywell CAB-C Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
OPTIONAL UNITS - ANALOG
The optional Keyboard Display Unit (KDU) features an
80-character alphanumeric display and 12-key keypad to en-
hance and simplify system operation by the user. It may be
remotely located. The Keyboard Display Unit, Local,
(KDU-L) is intended for mounting in the control cabinet
only, and also provides an interface for remote units.
The Analog Loop Unit (ALU) provides two (2) signaling
line circuits, wired Class A or B, Styles 4, 6 or 7. Each circuit
can address 197 points (99 analog sensors or modules; 98
monitor and/or control points. ALU units configured with
the Field Configuration Program 5.2 or later do not require
twisted pair wire and will operate on “straight lay” wire.
The Distributed Intelligent Unit (DIU) is remotely located
and duplicates many of the functions of the System Control
Unit (SCU).
DRIFT COMPENSATION
The 7200 Series continuously monitors the sensitivity of
all installed analog smoke sensors to measure any change in
their sensitivity due to the environment. The drift compensa-
tion software overcomes effects of aging or environment on
sensor sensitivity giving a dependable alarm threshold.
“Dirty” and “Very Dirty” indicators are activated when a sen-
sor drifts beyond acceptable limits. Sensors can automati-
cally change sensitivity with time of day to be “matched” to
their real-life environment.
Drift compensation also meets the sensitivity testing re-
quirements of NFPA 72.
LISTED INTEGRATED SENSITIVITY TEST
(L.I.S.T)
Each analog smoke sensor is automatically tested by the
system software a minimum of three (3) times per day. The
test is a recognized functional test of the ion sensor chamber
and photocell of the photoelectronic sensor and meets the
sensitivity and maintenance testing requirements of NFPA
72. This test will give a “Test Failed” indication and identify
the individual sensor if it fails the test.
OPTIONAL UNITS-HARDWIRED
Optional hardwired units include a Quad Zone Unit
(QZU), with four (4) Style D (Class “A”) or Style B (Class
“B”) initiating zone circuits, an Eight Zone Unit (EZU), with
eight Style B (Class “B”) initiating zone circuits, an Eight
Zone Daughter board (EZD) which gives Style D (Class
“A”) capability and LED annunciator output to the EZU, and
an Eight Zone Annunciator board (EZA) which gives LED
annunciator output to the EZU unit.
Alarm verification is available in the QZU and EZU units
via software programming.
OPTIONAL AUXILIARY UNITS
Additional optional units include a Quad Relay Unit
(QRU) and High Current Relay Unit (HRU), each containing
four (4) individually programmable relays, each relay
equipped with “OFF-AUTO-ON” user switch and status
LED. The relays in these units can also be individually pro-
grammed to energize either on alarm, trouble, or supervisory
output from specific addresses/zones.
A Dual Signal Unit (DSU) is available with a self-con-
tained auxiliary power supply and two individually program-
mable notification appliance circuits.
A Zone Coder Unit (ZCU) provides Positive, Non-interfer-
ing and Successive (PNIS) coding output and offers a choice
of optional relay operation upon completion of various
rounds of the first code.
The Remote Annunciator Unit (RAU) offers thirty two
(32) supervised LED or incandescent lamp annunciator
points and provision for remote switches. The RAU mounts
inside the remote annunciator. The RAU-FV unit is designed
to interface with the FireVac
®III Emergency Voice Evacua-
tion System.
The Panel Bus Adapter, (PBA) provides transient protec-
tion for any remotely located units. Only one adapter is re-
quired per 7200 Series system.
APPROVALS
UL
S1869 per UL864
FM
0W6A5.AY
CSFM
7165-0694:174
NYC
MEA 62-93-E
9020-0271
3of4
OPERATING CHARACTERISTICS
Operating
temperature
32 to 120
o F(0 to 49o C)
Relative humidity
85% (non-condensing)
DIMENSIONS
CAB-A
19 3/8" High, 15" Wide, 4" Deep (49.23 x 38.1 x 10.16 cm)
CAB-B
28" High, 21" Wide, 4" Deep (71.12 x 53.34 x 10.16 cm)
CAB-C
38" High, 21" Wide, 4" Deep 96.52 x 53.34 x 10.16 cm)
CAB-D
38" High, 30" Wide, 6" Deep (96.52 x 76.2 x 15.24 cm)
NOTE:
‡ CAB-A (Not ULC Listed) is intended for use only with SPSU, KDU/KDU-L, and ALU or DIU units.
Remote Keyboard Display Unit (KDU)


유사한 부품 번호 - CAB-C

제조업체부품명데이터시트상세설명
logo
Nuvotem Talema
CAB-CA_--5.0-1.2 TALEMA-CAB-CA_--5.0-1.2 Datasheet
118Kb / 3P
   Common Mode Toroidal Chokes
More results

유사한 설명 - CAB-C

제조업체부품명데이터시트상세설명
logo
Analog Devices
AD14060L AD-AD14060L_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-BF561SKBCZ-6V AD-ADSP-BF561SKBCZ-6V Datasheet
3Mb / 64P
   Blackfin Embedded Symmetric Multiprocessor
Rev. E
AD14060 AD-AD14060_15 Datasheet
1Mb / 48P
   DSP Multiprocessor Family
REV. B
ADSP-BF561 AD-ADSP-BF561_06 Datasheet
2Mb / 60P
   Blackfin Embedded Symmetric Multiprocessor
REV. A
ADSP-BF561 AD-ADSP-BF561_07 Datasheet
3Mb / 64P
   Blackfin짰 Embedded Symmetric Multiprocessor
REV. B
AD14160 AD-AD14160 Datasheet
1Mb / 52P
   Quad-SHARC DSP Multiprocessor Family
REV. A
logo
Advanced Micro Devices
AMSN2800DUT4C AMD-AMSN2800DUT4C Datasheet
2Mb / 102P
   Processor Model 10 Multiprocessor Platforms
logo
Analog Devices
AD14060 AD-AD14060 Datasheet
744Kb / 44P
   Quad-SHARC DSP Multiprocessor Family
REV. A
logo
Broadcom Corporation.
BCM1250 BOARDCOM-BCM1250 Datasheet
139Kb / 2P
   HIGH PERFORMANCE INTEGRATED 64 BIT MULTIPROCESSOR
logo
SPANSION
S72NS-N SPANSION-S72NS-N Datasheet
584Kb / 17P
   Based MCPs
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com