전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

700-01207 데이터시트(PDF) 2 Page - Gamewell-FCI by Honeywell

부품명 700-01207
상세설명  Ten zone control communicator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
홈페이지  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

700-01207 데이터시트(HTML) 2 Page - Gamewell-FCI by Honeywell

  700-01207 Datasheet HTML 1Page - Gamewell-FCI by Honeywell 700-01207 Datasheet HTML 2Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472 - Tel: (203) 484-7161 - Fax: (203) 484-7118
www.gamewell-fci.com
9020-0459 Rev. G page 2 of 2
Description (Continued)
Optional modules are available for ground start opera-
tion, trouble reminder and addition of two (2) fully pro-
grammable Form “C” relays. An optional serial interface
allows for a choice of remote annunciators with switches
for Reset, Drill, Silence and Acknowledge.
Specifications
Operating temperature: 32
° - 120° F (0° - 49° C)
Relative humidity:
85 % (non-condensing)
Dimensions:
Door
17 1/8" H x 14 3/4" W
(43.46 x 37.36 cm)
Backbox
16 7/8" H x 14 1/2" W x 4 1/2" D
(42.93 x 36.83 cm x 11.43 cm)
Trim Ring
20 1/8" H x 17 5/8" W
(50.85 x 44.75 cm)
• Ademoco 685
• Osborne Hoffman Models 1 / 2
• Silent Knight 9000
• Radionics 6000/6500
• ITI-CS-4000
• Sescoa 3000R
• FBI CP220FB
UL Listed Receivers compatible with FC-10C:
Ordering Information
Part Number
Description
700-01198
FC-10C
700-01199
FC-10C PCB
Ten Zone Module, replacement board
700-01216
FC-10TR
Trim Ring
700-01192
PRT-24
Printer interface module - provides
EIA-232 printer output.
Includes cable, DB9F and DB25
adapter.
700-01201
LED-101M
RS-485 interface module
700-01202
RZA-10
Remote zone annunciator, 10 zones
(requires one (1) LED-101M)
Mounts on three-gang box.
700-01203
RZA-10L
(Ten zone control communicator)
Remote zone annunciator, 10 zone
limited.
(requires one (1) LED-101M) mounts
on three-gang box.
700-01204
RZA-10LS2
Remote zone annunciator, 8 red, 2
yellow LEDs
(requires one (1) LED-101M) mounts
on three-gang box.
700-01205
ACM-8RF
Eight-relay module (contact-by-zone)
700-01206
CAC-10F
Class “A” initiating circuit converter
module
700-01207
NAC-REM
Two NAC/two form “C” add-on
module
700-01213
SK-10C
Software kit (upload/download utility)
700-01222
120 VAC, 100 VA transformer, ex-
pands NAC power
from 3.0 to 6.0 amperes and system
power from 3.6 to 6.6 amperes.
600-90000
MCBL-7
DACT phone cord, 7 feet long (2 re-
quired)


유사한 부품 번호 - 700-01207

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
700-01215 GAMEWELL-FCI-700-01215 Datasheet
53Kb / 2P
   Five zone control communicator
700-01221 GAMEWELL-FCI-700-01221 Datasheet
53Kb / 2P
   Five zone control communicator
More results

유사한 설명 - 700-01207

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
FC-5C GAMEWELL-FCI-FC-5C Datasheet
53Kb / 2P
   Five zone control communicator
F402 GAMEWELL-FCI-F402 Datasheet
73Kb / 2P
   Two-Zone Fire Alarm Control Panel
F404 GAMEWELL-FCI-F404 Datasheet
80Kb / 2P
   Four-Zone Fire Alarm Control Panel
1120-0575 GAMEWELL-FCI-1120-0575 Datasheet
69Kb / 1P
   Quad Zone Unit Eight Zone Unit Eight Zone Daughter Board Eight Zone Annunciator Board
logo
ASM GmbH
9334 ASM-SENSOR-9334 Datasheet
1Mb / 4P
   LOGGER COMMUNICATOR
logo
Gamewell-FCI by Honeywe...
190-90010 GAMEWELL-FCI-190-90010 Datasheet
61Kb / 1P
   ALARM COMMUNICATOR TRANSMITTER
GWF402 GAMEWELL-FCI-GWF402 Datasheet
67Kb / 2P
   Two and Four Zone Conventional Fire Alarm Control Panels
DACT-E3 GAMEWELL-FCI-DACT-E3 Datasheet
60Kb / 1P
   Digital alarm communicator transmitter
IPDACT-2 GAMEWELL-FCI-IPDACT-2 Datasheet
65Kb / 2P
   IP Fire Alarm Communicator
logo
Fuji Electric
EDS8-47N FUJI-EDS8-47N Datasheet
455Kb / 4P
   HAND-HELD COMMUNICATOR < HHC >
More results


Html Pages

1 2


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com