전자부품 데이터시트 검색엔진 |
|
BU2527AF 데이터시트(PDF) 1 Page - Savantic, Inc. |
|
BU2527AF 데이터시트(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors BU2527AF DESCRIPTION ·With TO-3PFa package ·High voltage ·High speed switching APPLICATIONS ·For use in horizontal deflection circuits of high resolution monitors PINNING PIN DESCRIPTION 1 Base 2 Collector 3 Emitter Absolute maximum ratings(Ta=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 1500 V VCEO Collector-emitter voltage Open base 800 V VEBO Emitter-base voltage Open collector 7.5 V IC Collector current (DC) 12 A ICM Collector current-peak 30 A IB Base current (DC) 8 A IBM Base current-peak 12 A Ptot Total power dissipation TC=25 45 W Tj Junction temperature 150 Tstg Storage temperature -65~150 |
유사한 부품 번호 - BU2527AF |
|
유사한 설명 - BU2527AF |