전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

LCD-E3 데이터시트(PDF) 1 Page - Gamewell-FCI by Honeywell

부품명 LCD-E3
상세설명  LCD keypad display
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
홈페이지  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

LCD-E3 데이터시트(HTML) 1 Page - Gamewell-FCI by Honeywell

  LCD-E3 Datasheet HTML 1Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
Specifications are for information only, are not intended for installation purposes, and are subject to change without notice. No responsibility is assumed by Gamewell-FCI for their use.
©2007 by Honeywell International Inc. All rights reserved.
www.gamewell-fci.com
9020-0606 Rev. e1 page 1 of 1
LCD-E3
LCD Keypad Display
Description
The LCD-E3 provides the main panel display of the E3
Series® Expandable Emergency Evacuation System with
indicating LEDs and operating switches. Up to six (6),
LCD-E3 displays may be locally or remotely located from
the panel via a local RS-485 bus of the ILI-MB-E3 sub-
assembly.
The LCD-E3 includes an LCD display for the system status
and the following switches and LED indicators:
Switches
• Alarm acknowledge
• System reset/lamp test
• Trouble acknowledge
• Function buttons:
- menu/back
- back space/edit
- OK
• Signal silence
• 12 button keypad
LED Indicators
• AC Power On
(green)
• Power Fault
(yellow)
• Alarm
(red)
• Ground Fault
(yellow)
• Supervisory
(yellow)
• System Silenced (yellow)
• System Trouble (yellow)
Installation
The LCD-E3 is adaptable for installation in any of the
following E3 Series® System cabinets:
• “A” size cabinet, inner door (E3ID2-A)
• “A2” size cabinet, inner door (E3ID-A2)
• “B” size cabinet, inner door (E3ID2-B)
• “C” size cabinet, inner door (E3ID2-C)
• “D” size cabinet, inner door (E3ID2-D)
Specifications
Operating Voltage:
24 VDC FWR
(from PM-9 power supply)
Operating Current:
0.024 amp.
Alarm Current:
0.028 amp.
Operating Temperature: 32° to 120° F (0° to 49° C)
Relative Humidity:
0 to 93%, non-condensing at
90° F (32° C)
E3 Series® and NetSOLO® are registered trademarks of Honeywell International Inc.
LCD-E3
Features
• Listed under UL Standard 864, 9th Edition
• Provides an 80-character display of system
events together with indicating LEDs and control
switches
• The ILI-MB-E3 can support up to six (6), LCD-E3
displays, any or all of which may be remotely
located via the RS-485 serial interface
• Easy to read backlit LED display, low power
consumption
Ordering Information
Model
Description
LCD-E3
LCD keypad display
APPROVED
FM
MEA
Approved
SIGNALING
City of
Chicago
Approved
City of
Denver
Approved
S1869
3025415 231-06-E 7165-0694:268
7165-0694:269
Class 1
Class 2
High Rise
An ISO 9000-2000 Company


유사한 부품 번호 - LCD-E3

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
LCD-E3 GAMEWELL-FCI-LCD-E3 Datasheet
311Kb / 5P
   Intelligent, Networked, Multi-Channel Fire Alarm Control and Emergency Voice Evacuation System
LCD-E3 GAMEWELL-FCI-LCD-E3_13 Datasheet
49Kb / 1P
   LCD Keypad Display
More results

유사한 설명 - LCD-E3

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
LCD-E3 GAMEWELL-FCI-LCD-E3_13 Datasheet
49Kb / 1P
   LCD Keypad Display
logo
NHP Electrical Engineer...
2080-REMLCD NHP-2080-REMLCD Datasheet
520Kb / 1P
   M820 REMOTE LCD 3.5in DISPLAY KEYPAD
6 June 2023,
2080-LCD NHP-2080-LCD Datasheet
582Kb / 1P
   M810 PLUG-IN LCD 1.5in DISPLAY KEYPAD
7 June 2023,
logo
Texas Instruments
TPD6F002 TI-TPD6F002 Datasheet
390Kb / 12P
[Old version datasheet]   SIX-CHANNEL EMI FILTER FOR LCD DISPLAY/KEYPAD APPLICATION
logo
M-System Co.,Ltd.
B6ULCD MSYSTEM-B6ULCD Datasheet
86Kb / 2P
   LCD DISPLAY
logo
Hitachi Semiconductor
LM041L HITACHI-LM041L Datasheet
107Kb / 2P
   LCD Display
logo
Cherry Semiconductor Co...
G844700LPBUS2 CHERRY-G844700LPBUS2 Datasheet
159Kb / 2P
   Keypad
logo
PHOENIX CONTACT
1426836 PHOENIX-1426836 Datasheet
208Kb / 4P
   Display - CHARX 4,3 LCD DISPLAY
Nov 3, 2022
logo
List of Unclassifed Man...
MCAK304NSSBWPMM ETC2-MCAK304NSSBWPMM Datasheet
206Kb / 2P
   Keypad
logo
Sanyo Semicon Device
LC75821E SANYO-LC75821E Datasheet
143Kb / 10P
   LCD Display Drivers
More results


Html Pages

1


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com