전자부품 데이터시트 검색엔진 |
|
BDX65B 데이터시트(PDF) 1 Page - Savantic, Inc. |
|
BDX65B 데이터시트(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors BDX65B DESCRIPTION ·With TO-3 package ·DARLINGTON ·Complement to type BDX64B APPLICATIONS ·Designed for power amplification and switching applications. PINNING (See Fig.2) PIN DESCRIPTION 1 Base 2 Emitter 3 Collector Absolute maximum ratings(Ta=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 120 V VCEO Collector-emitter voltage Open base 100 V VEBO Emitter-base voltage Open collector 5 V IC Collector current 12 A ICM Collector current(peak) 16 A IB Base current 0.2 A PT Total power dissipation TC=25 117 W Tj Junction temperature -55~200 Tstg Storage temperature -55~200 THERMAL CHARACTERISTICS SYMBOL PARAMETER MAX UNIT Rth j-c Thermal resistance from junction to case 1.5 /W Fig.1 simplified outline (TO-3) and symbol |
유사한 부품 번호 - BDX65B |
|
유사한 설명 - BDX65B |