전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

CAB600-4 데이터시트(PDF) 3 Page - Gamewell-FCI by Honeywell

부품명 CAB600-4
상세설명  IdentiFlex 650 base analog/addressable system
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  GAMEWELL-FCI [Gamewell-FCI by Honeywell]
홈페이지  http://www.gamewell-fci.com
Logo GAMEWELL-FCI - Gamewell-FCI by Honeywell

CAB600-4 데이터시트(HTML) 3 Page - Gamewell-FCI by Honeywell

  CAB600-4 Datasheet HTML 1Page - Gamewell-FCI by Honeywell CAB600-4 Datasheet HTML 2Page - Gamewell-FCI by Honeywell CAB600-4 Datasheet HTML 3Page - Gamewell-FCI by Honeywell CAB600-4 Datasheet HTML 4Page - Gamewell-FCI by Honeywell  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
GAMEWELL-FCI
12 Clintonville Road, Northford, CT 06472-1610 USA • Tel: (203) 484-7161 • Fax: (203) 484-7118
www.gamewell-fci.com
CS-2005 Rev. A page 3 of 4
provided with a feedback point for positive confirmation of
activation. Like all 600 Series expansion modules, the relay
module reports activation.
The 600 Series BUILDING CONTROL MODULE (BCM-8)
provides an interface between the fire alarm and HVAC
systems. Relays (rated at 10 A) are accompanied by feed-
back points for positive confirmation of the programmed
action. The BCM is available in eight-circuit modules that
are monitored and controlled by the MPU bus which can
monitor and control one expanded (i.e., eight-circuit) BCM
per position. The display for the BCM provides LEDs for
annunciation of relay state or feedback, and windows for
user-defined custom labeling. In addition, the display for
the BCM comes with a three position ON/OFF/AUTO
switch per circuit for manual override of the programmed
automatic functions.
Although the common control module is equipped with a
city tie circuit which is suitable for most applications, an
optional four-circuit CITY TIE MODULE (CTX-4) has been
developed for applications that require multiple connec-
tions. The city tie module connects to the MPU bus and is
supplied with a display module. The CTX-4 can also be
used for applications requiring a polarity-reversal output.
There are two SYSTEM HOUSING CONFIGURATIONS
available for the IF650 control panel. The four-bay cabinet
(IF654) will accommodate four 600 Series modules in addi-
tion to the common control, power supply, and batteries. An
eight-bay cabinet (IF658) will accommodate eight 600
Series modules in addition to the common control, power
supply and batteries. The housings are designed with
ample wiring space, conduit knockouts, and mounting
options. The unit’s dead-front design allows all operation,
programming, and user interface to take place without
exposing the system modules or field wiring. Field-wiring
terminals are mounted directly to the backbox for ease of
installation and service. Modules can be removed for ser-
vicing without disturbing field wiring.
Applications
The Gamewell-FCI IdentiFlex 650 Analog Addressable
Control Panel is designed for small-to-large projects. The
embedded CPU offers users unrivaled reliability with flexi-
bility and value.
The IF650 control panel is designed to incorporate the
XP95 analog addressable sensors into an integrated life
safety system which will meet today’s most stringent
requirements.
Addressable input-interface devices provide the means to
communicate with cost-effective conventional devices in
areas that do not require analog sensors.
Addressable control-output devices serve as the interface
between the analog circuits and building functions. The
outputs are controlled via Control-by-Event software and
can be programmed to respond to any event. The control
devices can also be used as supervised remote signal cir-
cuits.
The IF650’s optional EIA-232 output expands the system’s
display and control capability.
Serial annunciators can be added to display system activity
and control. The serial annunciator drivers provide the
interface to graphic annunciators.
An alphanumeric display (RAN2-RCS) can also be used for
remote status and control. The alphanumeric display is
designed to communicate over the serial communications
network. It features a 160-character display and provides
remote reset/acknowledge/silence keys. See RAN/SAN
data sheets CS-2025 and CS-2027 for complete annuncia-
tor details.
The IF650 communicates with an EIA-232 printer either
locally or remotely for documentation of system activity.
The printer interface accepts serial communications from
the control panel and provides a parallel output to the
printer.
The IF650 can provide the required functions to control the
releasing of bulk fire-suppressant materials. The IF650 is
Listed for the following NFPA types of suppressant: 13
Sprinkler, 15 Water Spray, 11 Low-Expansion Foam, 16
Water Foam, 17 Dry Chemical, and 2001 Clean Agent.


유사한 부품 번호 - CAB600-4

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
CAB610 GAMEWELL-FCI-CAB610 Datasheet
81Kb / 3P
   Analog Addressable Control Panel
CAB610-XL GAMEWELL-FCI-CAB610-XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
logo
Taoglas antenna solutio...
CAB616 TAOGLAS-CAB616 Datasheet
363Kb / 6P
   Taoglas Cable Assembly IPEX MHFI to SMA
logo
List of Unclassifed Man...
CAB618C ETC2-CAB618C Datasheet
268Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
logo
Taoglas antenna solutio...
CAB618C TAOGLAS-CAB618C Datasheet
266Kb / 5P
   Taoglas Cable Assembly IPEX MHFI to SMA(F)Bulkhead Straight Connector with 200mm 1.13 cable
More results

유사한 설명 - CAB600-4

제조업체부품명데이터시트상세설명
logo
Gamewell-FCI by Honeywe...
XP95-B4 GAMEWELL-FCI-XP95-B4 Datasheet
128Kb / 2P
   Analog Addressable Sensors
AAM95 GAMEWELL-FCI-AAM95 Datasheet
99Kb / 2P
   Analog Addressable Module
IF610SS-396XL GAMEWELL-FCI-IF610SS-396XL Datasheet
81Kb / 3P
   Analog Addressable Control Panel
IF602SS-198R GAMEWELL-FCI-IF602SS-198R Datasheet
365Kb / 3P
   Analog Addressable Control Panel
IF632 GAMEWELL-FCI-IF632 Datasheet
97Kb / 3P
   Analog Addressable Control Panel
XP95-T GAMEWELL-FCI-XP95-T Datasheet
136Kb / 2P
   Analog Addressable Thermal Sensor
IF610-126 GAMEWELL-FCI-IF610-126 Datasheet
120Kb / 3P
   IdentiFiex 610 base analong/addressable
ASD-LS GAMEWELL-FCI-ASD-LS_15 Datasheet
73Kb / 2P
   Analog Addressable Laser Smoke Sensor
MS-95 GAMEWELL-FCI-MS-95 Datasheet
104Kb / 2P
   Analog addressable manual pull station
ASD-IL2F GAMEWELL-FCI-ASD-IL2F Datasheet
146Kb / 2P
   Analog, Addressable loniation Smoke Sensor
More results


Html Pages

1 2 3 4


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com