전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

MC1558MU 데이터시트(PDF) 4 Page - Texas Instruments

부품명 MC1558MU
상세설명  DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

MC1558MU 데이터시트(HTML) 4 Page - Texas Instruments

  MC1558MU Datasheet HTML 1Page - Texas Instruments MC1558MU Datasheet HTML 2Page - Texas Instruments MC1558MU Datasheet HTML 3Page - Texas Instruments MC1558MU Datasheet HTML 4Page - Texas Instruments MC1558MU Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
MC1458, MC1558
DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
SLOS069A – FEBRUARY 1971 – REVISED MAY1999
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics at specified free-air temperature, VCC± = ±15 V (continued)
PARAMETER
TEST CONDITIONS†
MC1458
MC1558
UNIT
PARAMETER
TEST CONDITIONS†
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
IOS
Short-circuit output current
25
°C
±25
±40
±25
±40
mA
ICC
Supply current (both
VO = 0
No load
25
°C
3.4
5.6
3.4
5
mA
ICC
y(
amplifiers)
VO = 0, No load
Full range
6.6
6.6
mA
PD
Total power dissipation
VO = 0
No load
25
°C
100
170
100
150
mW
PD
(both amplifiers)
VO = 0, No load
Full range
200
200
mW
VO1/VO2
Crosstalk attenuation
25
°C
120
120
dB
† All characteristics are specified under open-loop operating conditions with zero common-mode input voltage unless otherwise specified.
Full range for MC1458 is 0
°C to 70°C and for MC1558 is –55°C to 125°C.
operating characteristics, VCC± = ±15 V, TA = 25°C
PARAMETER
TEST CONDITIONS
MC1458
MC1558
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
MIN
TYP
MAX
UNIT
tr
Rise time
VI = 20 mV,
RL = 2 kΩ,
0.3
0.3
µs
Overshoot factor
I
,
L
,
CL = 100 pF,
See Figure 1
5%
5%
SR
Slew rate at unity gain
VI = 10 V,
RL = 2 kΩ,
05
05
V/
µs
SR
Slew rate at unity gain
IL
CL = 100 pF,
See Figure 1
0.5
0.5
V/
µs
PARAMETER MEASUREMENT INFORMATION
VI
0 V
Input
Output
RL = 2 kΩ
CL = 100 pF
Test Circuit
Input Voltage
Waveform
Figure 1. Rise-Time, Overshoot, and Slew-Rate Waveform and Test Circuit


유사한 부품 번호 - MC1558MU

제조업체부품명데이터시트상세설명
logo
Texas Instruments
MC1558M TI1-MC1558M Datasheet
777Kb / 18P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
More results

유사한 설명 - MC1558MU

제조업체부품명데이터시트상세설명
logo
Texas Instruments
RC4558 TI-RC4558 Datasheet
57Kb / 11P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI1-MC1458_14 Datasheet
777Kb / 18P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
PC251 ETC-PC251 Datasheet
106Kb / 2P
   General Purpose Dual Operational Amplifiers
logo
Avic Technology
AV4558 AVICTEK-AV4558 Datasheet
194Kb / 5P
   Dual general purpose operational Amplifiers.
logo
TEXAS ADVANCED OPTOELEC...
UA747C TAOS-UA747C Datasheet
114Kb / 8P
   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
List of Unclassifed Man...
UPC251 ETC-UPC251 Datasheet
778Kb / 4P
   GENERAL PURPOSE DUAL OPERATIONAL AMPLIFIERS
logo
Texas Instruments
UA747 TI-UA747 Datasheet
112Kb / 8P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
UA747C TI1-UA747C Datasheet
317Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
MC1458 TI-MC1458_06 Datasheet
296Kb / 13P
[Old version datasheet]   DUAL GENERAL-PURPOSE OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
TL082 STMICROELECTRONICS-TL082_08 Datasheet
337Kb / 17P
   General purpose JFET dual operational amplifiers
More results


Html Pages

1 2 3 4 5


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com