전자부품 데이터시트 검색엔진 |
|
OP07YD 데이터시트(PDF) 6 Page - Texas Instruments |
|
OP07YD 데이터시트(HTML) 6 Page - Texas Instruments |
6 / 7 page OP07C, OP07D, OP07Y PRECISION OPERATIONAL AMPLIFIERS SLOS099B – OCTOBER 1983 – REVISED AUGUST 1996 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 operating characteristics, VCC ± = ±15 V, TA = 25°C PARAMETER TEST CONDITIONS† OP07Y UNIT PARAMETER TEST CONDITIONS† MIN TYP MAX UNIT f = 10 Hz 10.5 √ Vn Equivalent input noise voltage f = 1 kHz 10.3 nV/ √Hz f = 0.1 Hz to 10 Hz 9.8 VN(PP) Peak-to-peak equivalent input noise voltage f = 0.1 Hz to 10 Hz 0.38 µV f = 10 Hz 0.35 √ In Equivalent input noise current f = 100 Hz 0.15 pA/ √Hz f = 1 kHz 0.13 IN(PP) Peak-to-peak equivalent input noise current f = 0.1 Hz to 10 Hz 15 pA SR Slew rate RL = 2 kΩ 0.3 V/ µs † All characteristics are measured under open-loop conditions with zero common-mode input voltage unless otherwise noted. APPLICATION INFORMATION OUT VCC – VCC + IN – IN + + – OFFSET N1 3 2 4 7 6 20 k Ω N2 OFFSET 8 1 Figure 1. Input Offset Voltage Null Circuit |
유사한 부품 번호 - OP07YD |
|
유사한 설명 - OP07YD |