전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

S30D40C 데이터시트(PDF) 3 Page - Mospec Semiconductor

부품명 S30D40C
상세설명  SCHOTTKY BARRIER RECTIFIERS(30A,30-60V)
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  MOSPEC [Mospec Semiconductor]
홈페이지  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor

S30D40C 데이터시트(HTML) 3 Page - Mospec Semiconductor

  S30D40C Datasheet HTML 1Page - Mospec Semiconductor S30D40C Datasheet HTML 2Page - Mospec Semiconductor S30D40C Datasheet HTML 3Page - Mospec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image


유사한 부품 번호 - S30D40C

제조업체부품명데이터시트상세설명
logo
Won-Top Electronics
S30D40C WTE-S30D40C Datasheet
77Kb / 4P
   30A DUAL SCHOTTKY BARRIER RECTIFIER
logo
Mospec Semiconductor
S30D40CE MOSPEC-S30D40CE Datasheet
188Kb / 2P
   Schottky Barrier Rectifiers
More results

유사한 설명 - S30D40C

제조업체부품명데이터시트상세설명
logo
Mospec Semiconductor
S30C30 MOSPEC-S30C30 Datasheet
256Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(30A,30-60V)
S10S30 MOSPEC-S10S30 Datasheet
219Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
S16C30 MOSPEC-S16C30 Datasheet
229Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(16A,30-60V)
S20S30 MOSPEC-S20S30 Datasheet
245Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S25D30 MOSPEC-S25D30 Datasheet
249Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(25A,30-60V)
S15A30 MOSPEC-S15A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(15A,30-60V)
S20D30 MOSPEC-S20D30 Datasheet
328Kb / 4P
   SCHOTTKY BARRIER RECTIFIERS(20A,30-60V)
S50D30 MOSPEC-S50D30 Datasheet
257Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(50A,30-60V)
S08A30 MOSPEC-S08A30 Datasheet
235Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(8A,30-60V)
S10A30 MOSPEC-S10A30 Datasheet
227Kb / 3P
   SCHOTTKY BARRIER RECTIFIERS(10A,30-60V)
More results


Html Pages

1 2 3


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com