전자부품 데이터시트 검색엔진
  Korean  ▼
ALLDATASHEET.CO.KR

X  

SMJ34020AGB 데이터시트(PDF) 5 Page - Texas Instruments

부품명 SMJ34020AGB
상세설명  GRAPHICS SYSTEM PROCESSOR
Download  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
제조업체  TI [Texas Instruments]
홈페이지  http://www.ti.com
Logo TI - Texas Instruments

SMJ34020AGB 데이터시트(HTML) 5 Page - Texas Instruments

  SMJ34020AGB Datasheet HTML 1Page - Texas Instruments SMJ34020AGB Datasheet HTML 2Page - Texas Instruments SMJ34020AGB Datasheet HTML 3Page - Texas Instruments SMJ34020AGB Datasheet HTML 4Page - Texas Instruments SMJ34020AGB Datasheet HTML 5Page - Texas Instruments SMJ34020AGB Datasheet HTML 6Page - Texas Instruments SMJ34020AGB Datasheet HTML 7Page - Texas Instruments SMJ34020AGB Datasheet HTML 8Page - Texas Instruments SMJ34020AGB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
SMJ34020A
GRAPHICS SYSTEM PROCESSOR
SGUS011B – APRIL 1991 – REVISED AUGUST 1995
5
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
Pin Functions
PIN
DESCRIPTION
NAME
I/O †
DESCRIPTION
LOCAL MEMORY INTERFACE
ALTCH
O
Address latch. The high-to-low transitions of ALTCH can be used to capture the address and status available on LAD.
A transparent latch (such as a 54ALS373) maintains the current address and status as long as ALTCH remains low.
BUSFLT
I
Bus fault. External logic asserts BUSFLT high to the SMJ34020A to indicate that an error or fault has occurred on the
current bus cycle. BUSFLT is also used with LRDY to generate externally requested bus cycle retries so that the entire
memory address is presented again on LAD.
In the emulation mode, BUSFLT is used for write protecting mapped memory (by disabling CAS outputs for the current
cycle).
DDIN
O
Data bus direction in enable. DDIN is used to drive the active-high output enables on bidirectional transceivers (such
as the 54ALS623). The transceivers buffer data input and output on LAD0 – LAD31 when the SMJ34020A is interfaced
to several memories.
DDOUT
O
Data bus direction output enable. DDOUT drives the active-low output enables on bidirectional transceivers (such as
the 54ALS623). The transceivers buffer data input and output on LAD0 – LAD31.
LAD0 – LAD31
I/O
32-bit multiplexed local address/data bus. At the beginning of a memory cycle, the word address is output on
LAD4 – LAD31 and the cycle status is output on LAD0 – LAD3. After the address is presented, LAD0 – LAD31 are used
for transferring data within the SMJ34020A system. LAD0 is the LSB and LAD31 is the MSB.
LRDY
I
Local ready. External circuitry drives LRDY low to inhibit the SMJ34020A from completing a local-memory cycle it has
initiated. While LRDY remains low, the SMJ34020A waits unless the SMJ34020A loses bus priority or is given an
external RETRY request (through BUSFLT). Wait states are generated in increments of one full LCLK1 cycle. LRDY can
be driven low to extend local memory-read and memory-write cycles, VRAM serial-data-register-transfer cycles, and
DRAM-refresh cycles. During internal cycles, the SMJ34020A ignores LRDY.
PGMD
I
Page mode. The memory-decode logic asserts PGMD low if the currently addressed memory supports burst (page
mode) accesses. Burst accesses occur as a series of CAS cycles for a single RAS cycle to memory. LRDY is used with
BUSFLT to describe the cycle termination status for a memory cycle.
PGMD is also used in emulation mode for mapping memory.
SIZE16
I
Bus size. The memory-decode logic can pull SIZE16 low if the currently addressed memory or port supports only 16-bit
transfers. SIZE16 can also be used to determine which 16 bits of the data bus are used for a data transfer.
In the emulation mode, SIZE16 is used to select the size of mapped memory.
DRAM AND VRAM CONTROL
CAMD
I
Column-address mode. CAMD dynamically shifts the column address on the RCA0 – RCA12 bus to allow the mixing
of DRAM and VRAM address matrices using the same multiplexed address RCA0 – RCA12 signals.
CAS0 – CAS3
O
Four column-address strobes. CAS outputs drive the CAS inputs of DRAMs and VRAMs. CAS0 – CAS3 strobe the
column address on RCA0 – RCA12 to the memory. The four CAS strobes provide byte write-access to the memory.
RAS
O
Row-address strobe. RAS output drives the RAS inputs of DRAMs and VRAMs. RAS strobes the row address on
RCA0 – RCA12 to memory.
RCA0 – RCA12
O
Thirteen multiplexed row-address/column-address signals. At the beginning of a memory-access cycle, the row address
for DRAMs is present on RCA0 – RCA12. The row address contains the most significant address bits for the memory.
As the cycle progresses, the memory column address is placed on RCA0 – RCA12. The addresses that are actually
output during row and column times depend on the memory configuration (set by RCM0 and RCM1 in the CONFIG
register) and the state of CAMD during the access. RCA0 is the LSB, and RCA12 is the MSB.
SF
O
Special function pin. SF is the special-function signal to 1M VRAMs that allows the use of block write, load write mask,
load color mask, and write using write mask. SF is also used to differentiate instructions and addresses for the
coprocessor as part of the coprocessor interface.
TR /QE
O
Transfer/output-enable. TR /QE drives the TR /QE input of VRAMs. During a local memory-read cycle, TR /QE functions
as an active-low output enable to gate from memory to LAD0 – LAD31. During special VRAM function cycles, TR /QE
controls the type of cycle that is performed.
† I = input, O = output


유사한 부품 번호 - SMJ34020AGB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SMJ34020AGBM32 TI-SMJ34020AGBM32 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020AGBM32 TI1-SMJ34020AGBM32 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020AGBM40 TI-SMJ34020AGBM40 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020AGBM40 TI1-SMJ34020AGBM40 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
More results

유사한 설명 - SMJ34020AGB

제조업체부품명데이터시트상세설명
logo
Texas Instruments
SM34020A TI1-SM34020A Datasheet
1Mb / 94P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI1-SMJ34020A_16 Datasheet
1Mb / 98P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-40 TI1-TMS34010FNL-40 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SMJ34020A TI-SMJ34020A_06 Datasheet
1Mb / 97P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
SM34020APCM40 TI-SM34020APCM40 Datasheet
1Mb / 89P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010 TI-TMS34010 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
TMS34010FNL-50 TI-TMS34010FNL-50 Datasheet
1Mb / 60P
[Old version datasheet]   GRAPHICS SYSTEM PROCESSOR
logo
Sanyo Semicon Device
LC78711E SANYO-LC78711E Datasheet
781Kb / 43P
   Graphics Display Processor
logo
List of Unclassifed Man...
PICASO ETC2-PICASO Datasheet
8Mb / 24P
   Embedded Graphics Processor
DIABLO16 ETC2-DIABLO16 Datasheet
2Mb / 33P
   Embedded Graphics Processor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


데이터시트 다운로드

Go To PDF Page


링크 URL




개인정보취급방침
ALLDATASHEET.CO.KR
ALLDATASHEET 가 귀하에 도움이 되셨나요?  [ DONATE ] 

Alldatasheet는?   |   광고문의   |   운영자에게 연락하기   |   개인정보취급방침   |   링크교환   |   제조사별 검색
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com